Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 37Page - ATMEL Corporation ATMEGA261 Datasheet HTML 38Page - ATMEL Corporation ATMEGA261 Datasheet HTML 39Page - ATMEL Corporation ATMEGA261 Datasheet HTML 40Page - ATMEL Corporation ATMEGA261 Datasheet HTML 41Page - ATMEL Corporation ATMEGA261 Datasheet HTML 42Page - ATMEL Corporation ATMEGA261 Datasheet HTML 43Page - ATMEL Corporation ATMEGA261 Datasheet HTML 44Page - ATMEL Corporation ATMEGA261 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 226 page
background image
41
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
Figure 9-1.
Reset Logic
9.0.3
Power-on Reset
A Power-on Reset (POR) pulse is generated by an On-chip detection circuit. The detection level
is defined in “System and Reset Characteristics” on page 190. The POR is activated whenever
V
CC is below the detection level. The POR circuit can be used to trigger the Start-up Reset, as
well as to detect a failure in supply voltage.
A Power-on Reset (POR) circuit ensures that the device is reset from Power-on. Reaching the
Power-on Reset threshold voltage invokes the delay counter, which determines how long the
device is kept in RESET after V
CC rise. The RESET signal is activated again, without any delay,
when V
CC decreases below the detection level.
Figure 9-2.
MCU Start-up, RESET Tied to V
CC
MCU Status
Register (MCUSR)
Brown-out
Reset Circuit
BODLEVEL [1..0]
Delay Counters
CKSEL[1:0]
CK
TIMEOUT
DATA BUS
Clock
Generator
SPIKE
FILTER
Pull-up Resistor
Watchdog
Oscillator
SUT[1:0]
Power-on Reset
Circuit
RESET
TIME-OUT
INTERNAL
RESET
t
TOUT
V
RST
V
PORMAX
VCC
CCRR
V
V
PORMIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com