Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 118 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 118 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 114Page - ATMEL Corporation ATMEGA261 Datasheet HTML 115Page - ATMEL Corporation ATMEGA261 Datasheet HTML 116Page - ATMEL Corporation ATMEGA261 Datasheet HTML 117Page - ATMEL Corporation ATMEGA261 Datasheet HTML 118Page - ATMEL Corporation ATMEGA261 Datasheet HTML 119Page - ATMEL Corporation ATMEGA261 Datasheet HTML 120Page - ATMEL Corporation ATMEGA261 Datasheet HTML 121Page - ATMEL Corporation ATMEGA261 Datasheet HTML 122Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 226 page
background image
118
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
The automatic action programmed in COM1A1 and COM1A0 takes place as if a compare match
had occurred, but no interrupt is generated. The FOC1A bit is always read as zero.
• Bit 2 - FOC1B: Force Output Compare Match 1B
The FOC1B bit is only active when the PWM1B bit specify a non-PWM mode.
Writing a logical one to this bit forces a change in the Waveform Output (OCW1B) and the Out-
put Compare pin (OC1B) according to the values already set in COM1B1 and COM1B0. If
COM1B1 and COM1B0 written in the same cycle as FOC1B, the new settings will be used. The
Force Output Compare bit can be used to change the output pin value regardless of the timer
value. The automatic action programmed in COM1B1 and COM1B0 takes place as if a compare
match had occurred, but no interrupt is generated.
The FOC1B bit is always read as zero.
• Bit 1 - PWM1A: Pulse Width Modulator A Enable
When set (one) this bit enables PWM mode based on comparator OCR1A
• Bit 0 - PWM1B: Pulse Width Modulator B Enable
When set (one) this bit enables PWM mode based on comparator OCR1B.
16.11.2
TCCR1B – Timer/Counter1 Control Register B
• Bit 7 - PWM1X: PWM Inversion Mode
When this bit is set (one), the PWM Inversion Mode is selected and the Dead Time Generator
outputs, OC1x and OC1x are inverted.
• Bit 6 - PSR1: Prescaler Reset Timer/Counter1
When this bit is set (one), the Timer/Counter1 prescaler (TCNT1 is unaffected) will be reset. The
bit will be cleared by hardware after the operation is performed. Writing a zero to this bit will have
no effect. This bit will always read as zero.
• Bits 5,4 - DTPS11, DTPS10: Dead Time Prescaler Bits
The Timer/Counter1 Control Register B is a 8-bit read/write register.
The dedicated Dead Time prescaler in front of the Dead Time Generator can divide the
Timer/Counter1 clock (PCK or CK) by 1, 2, 4 or 8 providing a large range of dead times that can
be generated. The Dead Time prescaler is controlled by two bits DTPS11 and DTPS10 from the
Dead Time Prescaler register. These bits define the division factor of the Dead Time prescaler.
The division factors are given in Table 16-14.
Bit
76543210
0x2F (0x4F)
PWM1X
PSR1
DTPS11
DTPS10
CS13
CS12
CS11
CS10
TCCR1B
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com