Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 130 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 130 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 126Page - ATMEL Corporation ATMEGA261 Datasheet HTML 127Page - ATMEL Corporation ATMEGA261 Datasheet HTML 128Page - ATMEL Corporation ATMEGA261 Datasheet HTML 129Page - ATMEL Corporation ATMEGA261 Datasheet HTML 130Page - ATMEL Corporation ATMEGA261 Datasheet HTML 131Page - ATMEL Corporation ATMEGA261 Datasheet HTML 132Page - ATMEL Corporation ATMEGA261 Datasheet HTML 133Page - ATMEL Corporation ATMEGA261 Datasheet HTML 134Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 226 page
background image
130
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
Figure 17-3. Three-wire Mode, Timing Diagram
The Three-wire mode timing is shown in Figure 17-3. At the top of the figure is a USCK cycle ref-
erence. One bit is shifted into the USI Data Register (USIDR) for each of these cycles. The
USCK timing is shown for both external clock modes. In External Clock mode 0 (USICS0 = 0), DI
is sampled at positive edges, and DO is changed (Data Register is shifted by one) at negative
edges. External Clock mode 1 (USICS0 = 1) uses the opposite edges versus mode 0, i.e., sam-
ples data at negative and changes the output at positive edges. The USI clock modes
corresponds to the SPI data mode 0 and 1.
Referring to the timing diagram (Figure 17-3.), a bus transfer involves the following steps:
1.
The Slave device and Master device sets up its data output and, depending on the proto-
col used, enables its output driver (mark A and B). The output is set up by writing the
data to be transmitted to the USI Data Register. Enabling of the output is done by setting
the corresponding bit in the port Data Direction Register. Note that point A and B does
not have any specific order, but both must be at least one half USCK cycle before point C
where the data is sampled. This must be done to ensure that the data setup requirement
is satisfied. The 4-bit counter is reset to zero.
2.
The Master generates a clock pulse by software toggling the USCK line twice (C and D).
The bit value on the slave and master’s data input (DI) pin is sampled by the USI on the
first edge (C), and the data output is changed on the opposite edge (D). The 4-bit counter
will count both edges.
3.
Step 2. is repeated eight times for a complete register (byte) transfer.
4.
After eight clock pulses (i.e., 16 clock edges) the counter will overflow and indicate that
the transfer is completed. The data bytes transferred must now be processed before a
new transfer can be initiated. The overflow interrupt will wake up the processor if it is set
to Idle mode. Depending of the protocol used the slave device can now set its output to
high impedance.
17.3.2
SPI Master Operation Example
The following code demonstrates how to use the USI module as a SPI Master:
SPITransfer:
sts
USIDR,r16
ldi
r16,(1<<USIOIF)
sts
USISR,r16
ldi
r16,(1<<USIWM0)|(1<<USICS1)|(1<<USICLK)|(1<<USITC)
SPITransfer_loop:
sts
USICR,r16
lds
r16, USISR
sbrs
r16, USIOIF
MSB
MSB
654321
LSB
1
2
3
4
5
6
7
8
654321
LSB
USCK
USCK
DO
DI
D
C
B
A
E
CYCLE ( Reference )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com