Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 149 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 149 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 145Page - ATMEL Corporation ATMEGA261 Datasheet HTML 146Page - ATMEL Corporation ATMEGA261 Datasheet HTML 147Page - ATMEL Corporation ATMEGA261 Datasheet HTML 148Page - ATMEL Corporation ATMEGA261 Datasheet HTML 149Page - ATMEL Corporation ATMEGA261 Datasheet HTML 150Page - ATMEL Corporation ATMEGA261 Datasheet HTML 151Page - ATMEL Corporation ATMEGA261 Datasheet HTML 152Page - ATMEL Corporation ATMEGA261 Datasheet HTML 153Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 226 page
background image
149
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
Figure 19-6. ADC Timing Diagram, Auto Triggered Conversion
Figure 19-7. ADC Timing Diagram, Free Running Conversion
19.6
Changing Channel or Reference Selection
The MUX5:0 and REFS2:0 bits in the ADMUX Register are single buffered through a temporary
register to which the CPU has random access. This ensures that the channels and reference
selection only takes place at a safe point during the conversion. The channel and reference
selection is continuously updated until a conversion is started. Once the conversion starts, the
channel and reference selection is locked to ensure a sufficient sampling time for the ADC. Con-
tinuous updating resumes in the last ADC clock cycle before the conversion completes (ADIF in
ADCSRA is set).
Table 19-1.
ADC Conversion Time
Condition
Sample & Hold
(Cycles from Start of Conversion)
Total Conversion Time (Cycles)
First conversion
13.5
25
Normal conversions
1.5
13
Auto Triggered conversions
2
13.5
1
2
3
4
5
6
7
8
9
10
11
12
13
Sign and MSB of Result
LSB of Result
ADC Clock
Trigger
Source
ADIF
ADCH
ADCL
Cycle Number
12
One Conversion
Next Conversion
Conversion
Complete
Prescaler
Reset
ADATE
Prescaler
Reset
Sample &
Hold
MUX and REFS
Update
11
12
13
Sign and MSB of Result
LSB of Result
ADC Clock
ADSC
ADIF
ADCH
ADCL
Cycle Number
12
One Conversion
Next Conversion
34
Conversion
Complete
Sample & Hold
MUX and REFS
Update



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com