Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 199 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 199 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 195Page - ATMEL Corporation ATMEGA261 Datasheet HTML 196Page - ATMEL Corporation ATMEGA261 Datasheet HTML 197Page - ATMEL Corporation ATMEGA261 Datasheet HTML 198Page - ATMEL Corporation ATMEGA261 Datasheet HTML 199Page - ATMEL Corporation ATMEGA261 Datasheet HTML 200Page - ATMEL Corporation ATMEGA261 Datasheet HTML 201Page - ATMEL Corporation ATMEGA261 Datasheet HTML 202Page - ATMEL Corporation ATMEGA261 Datasheet HTML 203Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 226 page
background image
199
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
24.3
Supply Current of I/O modules
The tables and formulas below can be used to calculate the additional current consumption for
the different I/O modules in Active and Idle mode. The enabling or disabling of the I/O modules
are controlled by the Power Reduction Register. See “PRR – Power Reduction Register” on
page 38 for details.
It is possible to calculate the typical current consumption based on the numbers from Table 24-1
for other V
CC and frequency settings than listed in Table 24-2.
24.3.1
Example
Calculate the expected current consumption in idle mode with TIMER0, ADC, and USI enabled
at V
CC = 2.0V and F = 1MHz. From Table 24-2, third column, we see that we need to add 10%
for the TIMER0, 27.3% for the ADC, and 6.5% for the USI module. Reading from Figure 24-3 on
page 198, we find that the idle current consumption is ~0,085 mA at V
CC = 2.0V and F=1MHz.
The total current consumption in idle mode with TIMER0, ADC, and USI enabled, gives:
Table 24-1.
Additional Current Consumption for the different I/O modules (absolute values)
PRR bit
Typical numbers
V
CC = 2V, F = 1MHz
V
CC = 3V, F = 4MHz
V
CC = 5V, F = 8MHz
PRTIM1
65 uA
423 uA
1787 uA
PRTIM0
7 uA
39 uA
165 uA
PRUSI
5 uA
25 uA
457 uA
PRADC
18 uA
111 uA
102 uA
Table 24-2.
Additional Current Consumption (percentage) in Active and Idle mode
PRR bit
Additional Current consumption
compared to Active with external
clock (see Figure 24-1 on page 197
and Figure 24-2 on page 198)
Additional Current consumption
compared to Idle with external clock
PRTIM1
26.9%
103.7%
PRTIM0
2.6%
10.0%
PRUSI
1.7%
6.5%
PRADC
7.1%
27.3%
ICCtotal
0.085
mA
1
0.10
0.273
0.065
++
+
()
•
0.122
mA
≈≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com