Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 213 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 213 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 209Page - ATMEL Corporation ATMEGA261 Datasheet HTML 210Page - ATMEL Corporation ATMEGA261 Datasheet HTML 211Page - ATMEL Corporation ATMEGA261 Datasheet HTML 212Page - ATMEL Corporation ATMEGA261 Datasheet HTML 213Page - ATMEL Corporation ATMEGA261 Datasheet HTML 214Page - ATMEL Corporation ATMEGA261 Datasheet HTML 215Page - ATMEL Corporation ATMEGA261 Datasheet HTML 216Page - ATMEL Corporation ATMEGA261 Datasheet HTML 217Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 226 page
background image
213
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
27. Ordering Information
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive).
Also Halide free and fully Green.
3. For Speed vs. VCC, see Figure 23.3 on page 189.
Table 27-1.
Available Product Offering
Ordering Code(2)
Speed (MHz)(3)
Power Supply (V)
Package(1)
Operation Range
ATtiny261-15SZ
16
2.7 - 5.5
TG
Automotive (-40° to +125°C)
ATtiny261-15MZ
16
2.7 - 5.5
PN
Automotive (-40° to +125°C)
ATtiny261-15XZ
16
2.7 - 5.5
6G
Automotive (-40° to +125°C)
ATtiny261-15MAZ
16
2.7 - 5.5
PC
Automotive (-40° to +125°C)
ATtiny461-15SZ
16
2.7 - 5.5
TG
Automotive (-40° to +125°C)
ATtiny461-15MZ
16
2.7 - 5.5
PN
Automotive (-40° to +125°C)
ATtiny461-15XZ
16
2.7 - 5.5
6G
Automotive (-40° to +125°C)
ATtiny461-15MAZ
16
2.7 - 5.5
PC
Automotive (-40° to +125°C)
ATtiny861-15SZ
16
2.7 - 5.5
TG
Automotive (-40° to +125°C)
ATtiny861-15MZ
16
2.7 - 5.5
PN
Automotive (-40° to +125°C)
ATtiny861-15XZ
16
2.7 - 5.5
6G
Automotive (-40° to +125°C)
ATtiny861-15MAZ
16
2.7 - 5.5
PC
Automotive (-40° to +125°C)
Package Type
PN
32-pad, 5.0x5.0 mm Body, Lead Pitch 0.50 mm, Quad Flat No Lead Package (QFN)
TG
20-lead, 0.300" Wide Body Lead, Plastic Gull Wing Small Outline Package (SOIC)
6G
20-lead, 4.4x6.5 mm Body, 0.65 mm Pitch, Lead Length: 0.6 mm
Thin Shrink Small Outline Package (TSSOP)
PC
20-lead, 4.0x4.0 mm Body, 0.50 mm Pitch, Quad Flat No Lead Package (QFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com