Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 222 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 222 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 218Page - ATMEL Corporation ATMEGA261 Datasheet HTML 219Page - ATMEL Corporation ATMEGA261 Datasheet HTML 220Page - ATMEL Corporation ATMEGA261 Datasheet HTML 221Page - ATMEL Corporation ATMEGA261 Datasheet HTML 222Page - ATMEL Corporation ATMEGA261 Datasheet HTML 223Page - ATMEL Corporation ATMEGA261 Datasheet HTML 224Page - ATMEL Corporation ATMEGA261 Datasheet HTML 225Page - ATMEL Corporation ATMEGA261 Datasheet HTML 226Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 222 / 226 page
background image
222
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
7.9
Crystal Oscillator .............................................................................................30
7.10
Clock Output Buffer .........................................................................................32
7.11
System Clock Prescaler ..................................................................................32
7.12
Register Description ........................................................................................32
8
Power Management and Sleep Modes ................................................. 35
8.1
Sleep Modes ....................................................................................................35
8.2
Idle Mode .........................................................................................................35
8.3
ADC Noise Reduction Mode ............................................................................36
8.4
Power-down Mode ...........................................................................................36
8.5
Standby Mode .................................................................................................36
8.6
Power Reduction Register ...............................................................................36
8.7
Minimizing Power Consumption ......................................................................36
8.8
Register Description ........................................................................................38
9
System Control and Reset .................................................................... 40
9.1
Internal Voltage Reference ..............................................................................44
9.2
Watchdog Timer ..............................................................................................44
9.3
Timed Sequences for Changing the Configuration of the Watchdog Timer ....45
9.4
Register Description ........................................................................................45
10
Interrupts ................................................................................................ 50
10.1
Interrupt Vectors in ATtiny261/461/861 ...........................................................50
11
External Interrupts ................................................................................. 52
11.1
Register Description ........................................................................................52
12
I/O Ports .................................................................................................. 55
12.1
Overview ..........................................................................................................55
12.2
Ports as General Digital I/O .............................................................................56
12.3
Alternate Port Functions ..................................................................................60
12.4
Register Description ........................................................................................69
13
Timer/Counter0 Prescaler ..................................................................... 70
13.1
Register Description ........................................................................................71
14
Timer/Counter0 ...................................................................................... 73
14.1
Features ..........................................................................................................73
14.2
Overview ..........................................................................................................73
14.3
Timer/Counter Clock Sources .........................................................................74
14.4
Counter Unit ....................................................................................................74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com