Electronic Components Datasheet Search
  English  ▼

X  

MAG3110 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MAG3110
Description  3-Axis, Digital Magnetometer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAG3110 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MAG3110 Datasheet HTML 1Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 2Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 3Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Sensors
3
Freescale Semiconductor
MAG3110
1.3
Application Circuit
The device power is supplied through VDD line. Power supply decoupling capacitors (100 nF ceramic) should be placed as
near as possible to pins 1 and 2 of the device. VDDIO supplies power for the I/O pins SCL, SDA, and INT1.
The control signals SCL and SDA, are not tolerant of voltages more than VDDIO + 0.3 volts. If VDDIO is removed, the control
signals SCL and SDA will clamp any logic signals with their internal ESD protection diodes.
Figure 4. Electrical Connection
Table 1. Pin Description
Pin
Name
Function
1
Cap-A
Bypass Cap for Internal Regulator
2
VDD
Power Supply, 1.95V – 3.6V
3
NC
No Connect – do not connect
4
Cap-R
Cap for Reset Pulse
5
GND
GND
6
SDA
I2C Serial Data (Write = 0x1C; Read = 0x1D)
7
SCL
I2C Serial Clock
8
VDDIO
Power for I/O Buffers, 1.65V - VDD
9
INT1
Interrupt - Active High Output
10
GND
GND
SDA
VDDIO
1
2
3
4
5
10
9
8
7
6
MAG3110
(Top View)
100 nF
1
μF
VDD
100 nF
100 nF
SCL
INT1
4.7K
100 nF
4.7K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com