Electronic Components Datasheet Search
  English  ▼

X  

MAG3110 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MAG3110
Description  3-Axis, Digital Magnetometer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAG3110 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MAG3110 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 9Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 10Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 11Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Sensors
Freescale Semiconductor
8
MAG3110
4Functionality
MAG3110 is a small low-power, digital output, 3-axis linear magnetometer packaged in a 10 pin DFN. The device contains a
magnetic transducer for sensing and an ASIC for control and digital I2C communications.
4.1
I2C
Serial Interface
Communication with the MAG3110 takes place over an I2C bus. The MAG3110 also has an interrupt signal indicating that new
magnetic data readings are available. Interrupt driven sampling allows operation without the overhead of software polling.
4.2
Factory Calibration
MAG3110 is factory calibrated for sensitivity, offset and temperature coefficient. All factory calibration coefficients are applied
automatically by the MAG3110 ASIC before the magnetic field readings are written to registers 0x01 to 0x06 (see section 5).
There is no need for the user to apply the calibration correction in the software and the calibration coefficients are not therefore
accessible to the user.
The offset registers in the addresses 0x09 to 0x0E are not a factory calibration offset but allow the user to define a hard iron
offset which can be automatically subtracted from the magnetic field readings (see section 4.3.3).
4.3
Digital Interface
There are two signals associated with the I2C bus: the Serial Clock Line (SCL) and the Serial Data line (SDA). External pull-
up resistors (connected to VDDIO) are needed for SDA and SCL. When the bus is free, both lines are high. The I2C interface is
compliant with Fast mode (400 kHz), and Normal mode (100 kHz) I2C standards.
4.3.1
General I2C Operation
I2C is an asynchronous, open collector driven, addressed and packetized serial bus interface. It is capable of supporting
multiple masters and multiple slave devices on the same bus. I2C uses two bi-directional lines, the serial clock line or SCL and
the serial data line or SDA. Pull-up resistors are required on both lines.
An I2C transaction starts with a start condition (START) and ends with a stop condition (STOP). A START condition is defined
as a HIGH to LOW transition on the data line while the clock line is held HIGH. A STOP condition is defined as a LOW to HIGH
transition on the data line while the clock line is held HIGH. At all other times, the data line can only change state when the clock
line is low. If the data line changes state when the clock is high, the I2C transaction is aborted and the new start or stop condition
is recognized.
After START has been transmitted by the master, the bus is considered busy. The next byte of data transmitted after START
condition is the slave address in the first 7 bits, and the eighth bit is the Read/Write (R/W) bit (read = 1, write = 0). The R/W bit
determines whether the I2C master intends on receiving data from the slave – Read mode or intends to transmit data to the slave
– Write mode. When an address is sent, each device on the I2C bus compares the first 7 bits after a start condition with its own
internal address. If the address matches, the device considers itself addressed by the Master and continues to respond. If the
address does not match, the device ignores further bus activity until the next start condition happens.
The ninth bit (clock pulse), following each I2C byte is for the acknowledge (ACK) bit. The master releases the SDA line during
the ACK period. Because of the pull-up resistor, the data line will tend to float high. To signal ACK back to the master, the slave
must then pull the data line low during this clock period.
The number of bytes per transfer can be unlimited. If a receiving device can't accept another complete byte of data until it has
performed some other function, it can hold the clock line, SCL, low to force the transmitter into a wait state. Data transfer only
continues when the receiver is ready for another byte and releases the data line. This delay action is called clock stretching. The
MAG3110 device does clock stretching.
A data transfer is always terminated by a STOP.
The MAG3110 I2C 7-bit device address is 0x0E. In I2C practice, the device address is shifted left by one bit field and a read/
write bit is set in the lowest bit position. The I2C 8-bit write address is 0x1C and the read address is 0x1D.
The I2C 8-bit write address is 0x3A and the read address is 0x3B. Please consult the factory for alternate addresses.
Table 8. Serial Interface Pin Description
Pin Name
Pin Description
VDDIO
IO voltage
SCL
I2C Serial Clock
SDA
I2C Serial Data
INT
Data ready interrupt pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com