Electronic Components Datasheet Search
  English  ▼

X  

MAG3110 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MAG3110
Description  3-Axis, Digital Magnetometer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAG3110 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MAG3110 Datasheet HTML 10Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 11Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 12Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 13Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 14Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 15Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 16Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 17Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Sensors
Freescale Semiconductor
14
MAG3110
5.4
Temperature
5.4.1
DIE_TEMP (0x0F)
Temperature °C expressed as an 8-bit 2's complement number. The data allows for temperatures from -128°C to 127°C but
in actual function the range is from -40°C to 125°C.
5.5
Control Registers
Note: Except for STANDBY mode selection, the device must be in STANDBY mode to change any of the fields within
CTRL_REG1 (0x10).
5.5.1
CTRL_REG1 (0x10)
Table 25. OFF_Z_MSB Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ZD14
ZD13
ZD12
ZD11
ZD10
ZD9
ZD8
ZD7
Table 26. OFF_Z_LSB Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ZD6ZD5
ZD4ZD3ZD2ZD1ZD0
0
Table 27. TEMP Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
T7
T6
T5
T4
T3
T2
T1
T0
Table 28. CTRL_REG1 Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DR2
DR1
DR0
OS1
OS0
FR
TM
AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com