Electronic Components Datasheet Search
  English  ▼

X  

MAG3110 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MAG3110
Description  3-Axis, Digital Magnetometer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAG3110 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MAG3110 Datasheet HTML 3Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 9Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 10Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Sensors
7
Freescale Semiconductor
MAG3110
Figure 5. I2C Slave Timing Diagram
2.5
General I2C Information
The SCL and SDA signals are driven by open-drain buffers and a pull-up resistor is required to make the signals rise to the
high state. The value of the pull-up resistors depends on the system I2C clock rate and the capacitance load on the I2C bus.
Higher resistance value pull-up resistors consume less power, but have a slower the rise time (due to the RC time constant
between the bus capacitance and the pull-up resistor) and will limit the I2C clock frequency.
Lower resistance value pull-up resistors consume more power, but enable higher I2C clock operating frequencies.
High bus capacitance is due to long bus lines or a high number of I2C devices connected to the bus. A lower value resistance
pull-up resistor is required in higher bus capacitance systems.
For standard 100 kHz clock I2C, pull-up resistors typically are between 5k and 10 k
Ω. For a heavily loaded bus, the pull-up
resistor value may need to be reduced. For higher speed 400 kHz or 800 kHz clock I2C, bus capacitance will need to be kept low,
in addition to selecting a lower value resistance pull-up resistor. Pull-up resistors for high speed buses typically are about 1K
Ω.
In a well designed system with a microprocessor and one I2C device on the bus, with good board layout and routing, the I2C
bus capacitance can be kept under 20 pF. With a 1K pull-up resistor, the I2C clock rates can be well in excess of a few megahertz.
3
Modes of Operation
Table 7. Modes of Operation Description
Mode
I2C Bus State
Function Description
STANDBY
I2C communication is possible.
Only POR and digital blocks are enabled. Analog subsystem is disabled.
ACTIVE
I2C communication is possible.
All blocks are enabled (POR, Digital, Analog).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com