Electronic Components Datasheet Search
  English  ▼

X  

MAG3110 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MAG3110
Description  3-Axis, Digital Magnetometer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAG3110 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MAG3110 Datasheet HTML 1Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 2Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 3Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Sensors
Freescale Semiconductor
4
MAG3110
2
Operating and Electrical Specifications
2.1
Operating Characteristics
2.2
Absolute Maximum Ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device under these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Table 2. Operating Characteristics @ VDD = 1.8 V, T = 25°C unless otherwise noted.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Full Scale Range
FS
±1000
µT
Output Data Range (RAW = 1)
-15,000
15,000
bits
Output Data Range (RAW = 0)
-30,000
30,000
bits
Sensitivity
So
0.10
µT/bits
Sensitivity Change vs. Temperature
Tc
±0.1
%/°C
Zero Flux Offset Accuracy
±500
µT
Zero Flux Change with Temperature
Tco
±0.01
µT/°C
Hysteresis
1%
Non Linearity
Best Fit Straight Line
NL
-1
±0.3
1
%FS
Temp Sensor Repeatability
1°C
Magnetometer Output Noise
OS = 00(1)
1. OS = Over Sampling Ratio.
Noise
0.14
µT rms
OS = 01
0.1
OS = 10
0.07
OS = 11
0.05
Self-test Output Change(2)
X-axis
Y-axis
Z-axis
2. Self-test is one direction only.
Vst
20
LSB
20
LSB
20
LSB
Operating Temperature Range
Top
-40
+85
°C
Table 3. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage
VDD
-0.3 to +3.6
V
Input Voltage on any Control Pin (SCL, SDA)
Vin
-0.3 to VDD + 0.3
V
Maximum Applied Magnetic Field
—
100,000
µT
Operating Temperature Range
Top
-40 to +85
°C
Storage Temperature Range
TSTG
-40 to +125
°C
Table 4. ESD and Latch-up Protection Characteristics
Rating
Symbol
Value
Unit
Human Body Model
HBM
±2000
V
Machine Model
MM
±200
V
Charge Device Model
CDM
±500
V
Latch-up Current at T = 85°C
—
±100
mA
This device is sensitive to mechanical shock. Improper handling can cause permanent damage of the part or
cause the part to otherwise fail.
This is an ESD sensitive, improper handling can cause permanent damage to the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com