Electronic Components Datasheet Search
  English  ▼

X  

MAG3110 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MAG3110
Description  3-Axis, Digital Magnetometer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAG3110 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MAG3110 Datasheet HTML 1Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 2Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 3Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Document Number: MAG3110
Rev 2.0, 02/2011
Freescale Semiconductor
Advance Information
This document contains information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2011. All rights reserved.
3-Axis,
Digital Magnetometer
Freescale’s MAG3110 is a small, low-power, digital 3-axis magnetometer.
The device can be used in conjunction with a 3-axis accelerometer to produce
orientation independent accurate compass heading information. It features a
standard I2C serial interface output and smart embedded functions.
The MAG3110 is capable of measuring magnetic fields with an Output Data
Rate (ODR) up to 80 Hz; these output data rates correspond to sample intervals
from 12 ms to several seconds.
The MAG3110 is available in a plastic DFN package and it is guaranteed to
operate over the extended temperature range of -40°C to +85°C.
Features
1.95V to 3.6V Supply Voltage (VDD)
1.65V to VDD IO Voltage (VDDIO)
Ultra Small 2 mm x 2 mm x 0.85 mm, 0.4 mm Pitch, 10 Pin Package
Full Scale Range ±1000
μT
Sensitivity of 0.10
μT
Noise down to 0.05
μT rms
Output Data Rates (ODR) up to 80 Hz
•I2C digital output interface (operates up to 400 kHz Fast Mode)
•7-bit I2C address = 0x0E
Sampled Low Power Mode
RoHS compliant
Applications
Electronic Compass
Dead-reckoning assistance for GPS backup
Location-based Services
ORDERING INFORMATION
Part Number
Temperature Range
Package Description
Shipping
MAG3110FCR2
-40°C to +85°C
DFN-10
Tape and Reel
10 PIN DFN
2 mm x 2 mm x 0.85 mm
CASE 2154
MAG3110
MAG3110: 3-AXIS DIGITAL
MAGNETOMETER
Top and Bottom View
Top View
Pin Connections
Cap-A
VDD
NC
Cap-R
GND
GND
INT1
SDA
VDDIO
SCL
1
2
3
4
5
10
9
8
7
6
MAG3110


Similar Part No. - MAG3110

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MAG3110 FREESCALE-MAG3110 Datasheet
369Kb / 28P
Three-Axis, Digital Magnetometer
logo
NXP Semiconductors
MAG3110 NXP-MAG3110 Datasheet
470Kb / 30P
Xtrinsic MAG3110 Three-Axis, Digital Magnetometer
Rev. 9.2, 02/2013
logo
Freescale Semiconductor...
MAG3110FCR1 FREESCALE-MAG3110FCR1 Datasheet
369Kb / 28P
Three-Axis, Digital Magnetometer
logo
NXP Semiconductors
MAG3110FCR1 NXP-MAG3110FCR1 Datasheet
470Kb / 30P
Xtrinsic MAG3110 Three-Axis, Digital Magnetometer
Rev. 9.2, 02/2013
logo
Freescale Semiconductor...
MAG3110FCR2 FREESCALE-MAG3110FCR2 Datasheet
369Kb / 28P
Three-Axis, Digital Magnetometer
More results

Similar Description - MAG3110

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMR2300R HONEYWELL-HMR2300R Datasheet
156Kb / 8P
THREE-AXIS STRAPDOWN MAGNETOMETER
logo
STMicroelectronics
LSM303DLH STMICROELECTRONICS-LSM303DLH Datasheet
591Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
LSM303DLM STMICROELECTRONICS-LSM303DLM Datasheet
512Kb / 38P
Sensor module:3-axis accelerometer and 3-axis magnetometer
11-Apr-2011
logo
Freescale Semiconductor...
MAG3110 FREESCALE-MAG3110_12 Datasheet
369Kb / 28P
Three-Axis, Digital Magnetometer
logo
STMicroelectronics
LSM303DLHTR STMICROELECTRONICS-LSM303DLHTR Datasheet
608Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
LIS3MDL STMICROELECTRONICS-LIS3MDL Datasheet
1Mb / 33P
Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
15-May-2015
logo
Rohm
BM1422AGMV ROHM-BM1422AGMV Datasheet
2Mb / 29P
3-Axis Digital Magnetometer IC
logo
Asahi Kasei Microsystem...
AK09940 AKM-AK09940 Datasheet
210Kb / 3P
Ultrahigh precision 3-axis Electronic Magnetometer
logo
NXP Semiconductors
MAG3110 NXP-MAG3110 Datasheet
470Kb / 30P
Xtrinsic MAG3110 Three-Axis, Digital Magnetometer
Rev. 9.2, 02/2013
logo
STMicroelectronics
IIS2MDC STMICROELECTRONICS-IIS2MDC Datasheet
1Mb / 40P
High-accuracy, ultra-low-power, 3-axis digital output magnetometer
September 2017 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com