Electronic Components Datasheet Search
  English  ▼

X  

MAG3110 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MAG3110
Description  3-Axis, Digital Magnetometer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAG3110 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MAG3110 Datasheet HTML 15Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 16Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 17Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 18Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 19Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 20Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 21Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 22Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 23Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Sensors
19
Freescale Semiconductor
MAG3110
7
Suggested PCB Footprint
Please see Freescale application note AN1902 for additional information on guidelines for QFN and DFN printed circuit board
design and assembly.
Figure 7. PCB Footprint Dimensions
1.82 mm
0.22 mm
0.80 mm
0.40 mm
Footprint Compiles with IPC-7351A
Footprint Tolerance: 0.02 mm
Solder Paste Stencil: 4 mil thickness, type 3 paste is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com