Electronic Components Datasheet Search
  English  ▼

X  

MAG3110 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MAG3110
Description  3-Axis, Digital Magnetometer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAG3110 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MAG3110 Datasheet HTML 12Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 13Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 14Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 15Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 16Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 17Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 18Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 19Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Sensors
Freescale Semiconductor
16
MAG3110
5.5.2
CTRL_REG2 (0x11)
1
1
0
1
0
0.31
4
17.2
0.07
1
1
0
1
1
0.16
8
17.2
0.05
1
1
1
0
0
0.63
1
8.6
0.14
1
1
1
0
1
0.31
2
8.6
0.1
1
1
1
1
0
0.16
4
8.6
0.07
1
1
1
1
1
0.08
8
8.6
0.05
Table 31. CTRL_REG2 Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
AUTO_MRST_EN
—
RAW
Mag_RST
—
ST_Z
ST_Y
ST_X
Table 32. CTRL_REG2 Description
AUTO_MRST_EN
Automatic Magnetic Sensor Reset. Default value: 0.
0: Automatic magnetic sensor resets off.
1: Automatic magnetic sensor resets on.
Similar to Mag_RST, however, the resets occur before each data acquisition.
RAW
Data output correction. Default value: 0.
0: Normal mode: data values are corrected by the user offset register values.
1: Raw mode: data values are not corrected by the user offset register values.
The factory calibration is always applied to the measured data stored in registers 0x01 to 0x06 irrespective of the setting
of the RAW bit.
Mag_RST
Magnetic Sensor Reset. Default value: 0.
0: Reset cycle not active.
1: Reset cycle initiate or Reset cycle busy/active.
When asserted, initiates a magnetic sensor reset cycle that will restore correct operation after exposure to an excessive
magnetic field which exceeds the Full Scale Range (see Table 2) but is less than the Maximum Applied Magnetic Field
(see Table 3).
When the cycle is finished, value returns to 0.
ST_Z
Self-test Z-axis Default value: 0.
0: No Self-test.
1: Self-test, active Z-axis.
When this bit is asserted, a magnetic field is generated on the MAG3110 Z-axis to test the operation of this axis. The size
of the resulting change is defined as Self-test Output Change in Table 2. The ST_Z bit should be de-asserted at the end
of the self-test.
ST_Y
Self-test Y-axis. Default value: 0.
0: No Self-test.
1: Self-test, active Y-axis.
When this bit is asserted, a magnetic field is generated on the MAG3110 Y-axis to test the operation of this axis. The size
of the resulting change is defined as Self-test Output Change in Table 2. The ST_Y bit should be de-asserted at the end
of the self-test.
ST_X
Self-test X-axis. Default value: 0.
0: No Self-test.
1: Self-test, active X-axis.
When this bit is asserted, a magnetic field is generated on the MAG3110 X-axis to test the operation of this axis. The size
of the resulting change is defined as Self-test Output Change in Table 2. The ST_X bit should be de-asserted at the end
of the self-test.
Table 30. Over Sampling Ratio and Data Rate Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com