Electronic Components Datasheet Search
  English  ▼

X  

34704 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
34704
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
• Operates at a switching frequency equals to FSW2
• Drives integrated low RDS(ON) N-channel power
MOSFETs (NVHV_LC) as its output stage
• It offers load disconnect from the input battery when the
output is off (True Cut-Off)
• The output is ±4% accuracy
• Output voltage is adjustable by means of an external
resistor divider when in voltage regulation mode
• A 240 mV current limit comparator will be used to program/
sense the voltage drop across the current setting resistor
at the bottom of the LED string connected
to the REG8
output when the current regulation mode is selected.
This will be used to program the maximum current flowing
and will regulate it
• The output can be adjusted up or down at 2.5% steps for
a total of 10% on each direction allowing Dynamic Voltage
Scaling
• Maximum output current is adjustable by means of an
external resistor connected to the FB8 pin and then the
output current can be scaled down from the set maximum
in 16 steps through I2C interface
• Uses a bootstrap network with an internal diode to power
its synchronous MOSFET
• All gate drive circuits are supplied from VG.
• Uses integrated compensation
• The output is monitored for over-current and short-circuit
conditions
• The regulator is monitored for over-temperature conditions
• The output is monitored for under-voltage and over-
voltage conditions
Operation Modes
The switchers will be active when:
• VG is in regulation AND
• There is no GrpD shutdown command through the I2C
interface AND
• No faults exist that would cause GrpD to shut down
OVERALL EFFICIENCY ANALYSIS
In battery applications, it is highly recommended to power
every single regulator directly from the battery to obtain full
output capability:
VBAT
V1 (5.0 V)
REG1
VBAT
V2 (2.8 / 3.3 V)
REG2
VBAT
V3 (1.2 V / 1.5 V / 1.8 V)
REG3
VBAT
V4 (1.8 V / 2.5 V)
REG4
VBAT
V5 (3.3 V)
REG5
VBAT
V6 (15 V)
REG6
VBAT
V7 (-7.0 V)
REG7
VBAT
V8 (15 V)
REG8
Figure 5. Overall Efficiency Analysis
Efficiency analysis includes the following losses:
• MOSFET Conduction Losses
• MOSFET Switching Losses (Except for REG7 due to
external MOSFET and board layout dependence)
• MOSFET Gate Charging Losses
• MOSFET Deadtime Losses
• External Diode Losses (Only for REG7)
• Inductor Winding DC Losses
• Inductor Core Losses (Assumed to be 20% of DC Losses
as a rule of thumb)
• Output AC Losses
Efficiency Analysis
In this configuration, all of the regulators are supplied or
powered directly with 3.6 V nominal, battery voltage.
Efficiency was calculated using the maximum allowed
frequency of 1.5 MHz and 1.0 MHz for FSW1 and FSW2,
respectively, in this configuration. As a result, the following
numbers are valid for worst case operation conditions.
The following table shows the detailed analysis for each
regulator with V2 at 3.3 V, V3 at 1.2 V, and V4 at 1.8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com