Electronic Components Datasheet Search
  English  ▼

X  

34704 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 43Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 44Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 45Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 46Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 47Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 48Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 49Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 50Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
47
34704
FUNCTIONAL DEVICE OPERATION
COMPONENT CALCULATION
The passive components associated to these frequencies are calculated with the following formulas.
C1
Vinmin
VRAMP
------------------
1
D
′
min
2
-----------------
⎝⎠
⎜⎟
⎛⎞
1
2
π F
POR1
()
-------------------------------
⎝⎠
⎛⎞
=
C2
1
2
π F
Z2R1
()
------------------------------
⎝⎠
⎛⎞
=
R2
1
2
π F
Z1C1
()
------------------------------
⎝⎠
⎛⎞
=
R3
1
2
π F
P1C2
()
------------------------------
⎝⎠
⎛⎞
=
C3
1
2
π F
P2R2
()
------------------------------
⎝⎠
⎛⎞
=
On the 34704 VRAMP is half of 1.2 V since each operation mode spends only half the ramp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com