Electronic Components Datasheet Search
  English  ▼

X  

34704 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 44Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 45Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 46Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 47Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 48Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 49Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 50Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 51Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
Analog Integrated Circuit Device Data
48
Freescale Semiconductor
34704
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
V7
DRV7
PVIN5
SW6
VOUT7
SW5U
VREF7
FB7
COMP7
VIN
BT3
PVIN3
SW3
VOUT3
FB3
V3
FB8
V2
AGND
VIN
SCL
SDA
RST
VDDI
V2
BT2D
PVIN2
SW2D
VOUT2
SW2U
BT2U
FB2
COMP2
ONOFF
VIN
REG8
REG3
REG2
VG
REG7
VIN
34704A
VIN
VIN
VIN
VDDI
BT8
REG8
SW8
VIN
V6
BT6
FB6
SW5D
VOUT6
VOUT5
BT5D
FB5
COMP5
VIN
REG6
VIN
VBUS
SS
FREQ
V8
VIN
BT5U
V5
PGND
VG
BT1
VOUT1
SW1
VIN
V1
REG5
PVIN4
SW4U
SW4D
VOUT4
BT4D
FB4
COMP4
VIN
BT4U
V4
REG4
(EXPAD)
Notes
18.
AGND(S) & PGND(S) SHOULD BE CONNECTED TOGETHER AS CLOSE TO THE IC AS POSSIBLE
19.
REFER TO THE FB8 FUNCTIONAL PIN DESCRIPTION ON PAGE 17.
(19)
(18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com