Electronic Components Datasheet Search
  English  ▼

X  

34704 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
34704
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
REG1 REGULATED OUTPUT VOLTAGE PIN
(VOUT1) (34704A ONLY)
Connect this pin directly to the load directly and to the
output filter as close to the pin as possible.
REG1 BOOTSTRAP CAPACITOR INPUT PIN (BT1)
Connect a 1.0
μF capacitor between this pin and SW1 pin
to enhance the gate of the Switch Power MOSFET.
I2C SERIAL INTERFACE CLOCK INPUT (SCL)
I2C serial interface clock input.
I2C SERIAL INTERFACE DATA INPUT (SDA)
I2C serial interface data input
POWER RESET OUTPUT SIGNAL
(MICROPROCESSOR RESET) (RST)
This is an open drain output and must be pulled up by an
external resistor to a supply voltage like VIN.
REG7 COMPENSATION NETWORK CONNECTION
(COMP7)
REG7 compensation network connection.
REG7 RESISTOR FEEDBACK NETWORK
REFERENCE VOLTAGE (VREF7) (34704A ONLY)
Connect this pin to the bottom of the feedback resistor
divider.
REG7 VOLTAGE FEEDBACK INPUT FOR
VOLTAGE REGULATION/PROGRAMMING (FB7)
(34704A ONLY)
Connect the feedback resistor divider to this pin.
REG7 EXTERNAL POWER MOSFET GATE DRIVE
(DRV7) (34704A ONLY)
REG7 external Power MOSFET gate drive.
REG7 OUTPUT VOLTAGE RETURN PIN (VOUT7)
(34704A ONLY)
This is the discharge path of REG7 output voltage.
REG6 VOLTAGE FEEDBACK INPUT FOR
VOLTAGE REGULATION/PROGRAMMING (FB6)
(34704A ONLY)
Connect the feedback resistor divider to this pin.
REG6 BOOTSTRAP CAPACITOR INPUT PIN (BT6)
(34704A ONLY)
Connect a 0.01
μF capacitor between this pin and SW6 pin
to enhance the gate of the Synchronous Power MOSFET.
REG6 SWITCHING NODE (SW6) (34704A ONLY)
The inductor is connected between this pin and the VIN
pin.
REG6 REGULATED OUTPUT VOLTAGE PIN
(VOUT6) (34704A ONLY)
Connect this pin directly to the load directly and to the
output filter as close to the pin as possible.
ANALOG GROUND (AGND)
Analog ground of the IC.
BATTERY VOLTAGE CONNECTION (VIN)
Input decoupling /filtering is required for the device to
operate properly.
INTERNAL SUPPLY VOLTAGE (VDDI)
Connect a 1.0
μF low ESR decoupling filter capacitor
between this pin and GND.
BATTERY DETECTION (LION)
Pull this pin high to VIN to indicate a connection to a Li-Ion
battery.
DUAL FUNCTION IC TURN ON/OFF (ONOFF)
This is a hardware enable/disable for the 34704. It can be
connected to a mechanical switch to turn the power On or Off.
REG2 BOOST STAGE BOOTSTRAP CAPACITOR
INPUT PIN (BT2U)
Connect a 1.0
μF capacitor between this pin and SW2U
pin to enhance the gate of the Switch Power MOSFET.
REG2 COMPENSATION NETWORK CONNECTION
(COMP2)
REG2 compensation network connection.
REG2 VOLTAGE FEEDBACK INPUT FOR
VOLTAGE REGULATION/PROGRAMMING (FB2)
Connect the feedback resistor divider to this pin.
REG2 BUCK STAGE BOOTSTRAP CAPACITOR
INPUT PIN (BT2D)
Connect a 1.0
μF capacitor between this pin and SW2D
pin to enhance the gate of the Switch Power MOSFET.
REG2 POWER SUPPLY INPUT VOLTAGE (PVIN2)
This is the connection to the drain of the high side switch
FET. Input decoupling /filtering is required for proper REG2
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com