Electronic Components Datasheet Search
  English  ▼

X  

34704 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 33Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 34Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 35Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 36Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 37Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
LED Current
MSB
LSB
IMAX * (1/16)
0
0
0
0
IMAX * (2/16)
0
0
0
1
IMAX * (3/16)
0
0
1
0
IMAX * (4/16)
0
0
1
1
IMAX * (5/16)
0
1
0
0
IMAX * (6/16)
0
1
0
1
IMAX * (7/16)
0
1
1
0
IMAX * (8/16)
0
1
1
1
IMAX * (9/16)
1
0
0
0
IMAX * (10/16)
1
0
0
1
IMAX * (11/16)
1
0
1
0
IMAX * (12/16)
1
0
1
1
IMAX * (13/16)
1
1
0
0
IMAX * (14/16)
1
1
0
1
IMAX * (15/16)
1
1
1
0
IMAX (Default)
1
1
1
1
Analog Integrated Circuit Device Data
34
Freescale Semiconductor
34704
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
ACCURATE I2C COMMUNICATION MODE
The 34704 assigns 1 bit to enable the Accurate I2C
communication mode (ACCURATE). Setting this bit enables
the Accurate mode in which each command and data should
be sent 2 times to avoid false commands.
USER ACCESSIBLE FLAG REGISTERS
Cold Start Flag
The 34704 assigns 1 bit (COLDF) to flag the processor
that the power up was a result of battery insertion and not
through ONOFF pin. This flag should be cleared after power
up by the processor.
Cold Start Flag
bit
/ONOFF (Default)
0
Battery Insertion
1
Shutdown Flag
The 34704 assigns 1 bit (SHUTDOWN) to flag the
processor if a shutdown signal is received through the
ONOFF pin and a programmable time period with a default of
1sec has elapsed.
/ONOFF Status
bit
Normal (Default)
0
Shutdown
1
Dynamic Voltage Scaling Status Flag
In addition and for each regulator, 34704 assigns 1 bit
(DVSSTATx) to flag to the processor that the desired output
voltage level set with the DVSSETx bits has been reached.
DVS STATUS
bit
DVS Not Done
0
DVS Done
1
USER ACCESSIBLE FAULT REGISTERS
Over-current Fault Register
The 34704 assigns 1 bit for each regulator (ILIMFx) to
indicate a fault due to over-current limit, where x corresponds
to each regulator from REG1 to REG8, except REG7
ILIMF
bit
False
0
True
1
Short-circuit Fault Register
The 34704 assigns 1 bit for each regulator (SCFx) to
indicate a fault due to short-circuit current limit, where x
corresponds to each regulator from REG1 to REG8, except
REG7
SCF
bit
False
0
True
1
Over-voltage Fault Register
The 34704 assigns 1 bit for each regulator (OVFx) to
indicate a fault due to over-voltage limit, where x corresponds
to each regulator from REG1 to REG8
OVF
bit
False
0
True
1
Under-voltage Fault Register
The 34704 assigns 1 bit for each regulator (UVFx) to
indicate a fault due to under-voltage limit, where x
corresponds to each regulator from REG1 to REG8.
UVF
bit
False
0
True
1
Thermal Shutdown Fault Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com