Electronic Components Datasheet Search
  English  ▼

X  

34704 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 33Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 34Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 35Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 36Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 37Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 38Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
35
34704
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
The 34704 assigns 1 bit for each regulator (TSDFx) to
indicate a fault due to thermal limit, where x corresponds to
each regulator from REG1 to REG8, except REG7
TSDF
bit
False
0
True
1
Regulator Fault Register
The 34704 assigns 1 bit for each regulator (FAULTx) to
indicate that a fault had occurred on each regulator. The
processor can just access this register periodically to
determine system status. This reduces the access cycles. If
a regulator fault register asserted, then the processor can
access that regulator’s registers to see what kind of fault had
occurred.
FAULT
bit
False
0
True
1
SPECIAL REGISTERS
REG3 Fine Voltage Scaling Register
Regulator 3 has an additional fine output voltage scaling
that enables to lower the output voltage in 0.5% steps. The
34704 assigns an 8-bit register (REG3DAC) to the REG3
Digital to analog converter for the FB3 voltage generation.
Output votlage must be reduced gradually to avoid a OV/UV
fault to occur.
REG7 Independent ON/OFF Control (Only on 34704A)
The 34704B provide two register to independently turn on
REG7 when REG6 is not needed. Care must be taken when
turning on REG7 to avoid inrush currents during regulator
ramp-up. Following Process must be followed to assure
successful turn on of REG7.
1. Set EN0 and clear DISCHR_B on REG7CR0 register
2. After 1ms or more, set EN1 on REG7CR0 register
3. Set REG7DAC register to $00
4. Gradually shift up REG7DAC register from $00 to $D9
to ramp-up the output voltage in a soft-start like wave.
Soft start timing is dependant of I2C communication
speed and number of bit you change per writing, for
instance use 4,8 or 16 bits increase to ramp up the
output voltage.
Register Address
Code
1
$58
$50
2
$58
$D0
3
$59
$00
4
$59
$04
5
$59
$08
6
$59
$0C
...
...
...
55
$59
$D9
REG7 independent start up example
REGISTER DESCRIPTION SUMMARY TABLE
Register
ADDR
R/W
Bit Name
Bits
Description
GENERAL1
$01
R/W
CCDSEQ
1:0
GrpC/E power sequence selection
SDDELAY
3:2
Hard shutdown delay timer selection
GENERAL2
$02
R/W
ONOFFx
3:0
GrpA,C,D,E On/off bits
ALLOFF
4
Soft shutdown bit (turn off all regulators)
GENERAL3
$03
R
SSTIME
1:0
Soft start configuration latch
R/W
COLDF
3
Cold power up detection flag
R/W
SHTD
4
Hard Shutdown detection flag
VGSET1
$04
R/W
OVUVSET1
0
Set REG1/VG response type to OV/UV
R/W
DVSSET1
4:1
REG1 DVS value setting
VGSET2
$05
R
DVSSTAT1
0
DVS voltage level status flag
R
-
5:1
REG1 fault flags: Thermal SD, SC, ILim, UV and OV
REG2SET1
$06
R/W
OVUVSET2
0
Set REG2 response type to OV/UV
R/W
DVSSET2
4:1
REG2 DVS value setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com