Electronic Components Datasheet Search
  English  ▼

X  

ADC1413D Datasheet(PDF) 28 Page - NXP Semiconductors

Part # ADC1413D
Description  Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1413D Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button ADC1413D Datasheet HTML 24Page - NXP Semiconductors ADC1413D Datasheet HTML 25Page - NXP Semiconductors ADC1413D Datasheet HTML 26Page - NXP Semiconductors ADC1413D Datasheet HTML 27Page - NXP Semiconductors ADC1413D Datasheet HTML 28Page - NXP Semiconductors ADC1413D Datasheet HTML 29Page - NXP Semiconductors ADC1413D Datasheet HTML 30Page - NXP Semiconductors ADC1413D Datasheet HTML 31Page - NXP Semiconductors ADC1413D Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
ADC1413D_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 9 February 2011
28 of 43
NXP Semiconductors
ADC1413D series
Dual 14-bit ADC; serial JESD204A interface
11.6.3 Register description
11.6.3.1
ADC control registers
Table 18.
Register Channel index (address 0003h)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7 to 2
-
-
111111
not used
1
ADCB
R/W
ADC B gets the next SPI command:
0
ADC B not selected
1
ADC B selected
0
ADCA
R/W
ADC A gets the next SPI command:
0ADC A not selected
1
ADC A selected
Table 19.
Register Reset and Power-down mode (address 0005h)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7
SW_RST
R/W
reset digital part:
0
no reset
1
performs a reset of the digital part
6 to 2
-
-
00000
not used
1 to 0
PD[1:0]
R/W
Power-down mode:
00
normal (power-up)
01
full power-down
10
sleep
11
normal (power-up)
Table 20.
Register Clock (address 0006h)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7 to 5
-
-
000
not used
4
SE_SEL
R/W
select SE clock input pin:
0
select CLKM input
1
select CLKP input
3
DIFF_SE
R/W
differential/single-ended clock input select:
0
fully differential
1
single-ended
2
-
-
0
not used
1
CLKDIV2_SEL
R/W
select clock input divider by 2:
0
disable
1
active
0
DCS_EN
R/W
duty cycle stabilizer enable:
0
disable
1
active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com