Electronic Components Datasheet Search
  English  ▼

X  

ADC1413D Datasheet(PDF) 36 Page - NXP Semiconductors

Part # ADC1413D
Description  Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1413D Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button ADC1413D Datasheet HTML 32Page - NXP Semiconductors ADC1413D Datasheet HTML 33Page - NXP Semiconductors ADC1413D Datasheet HTML 34Page - NXP Semiconductors ADC1413D Datasheet HTML 35Page - NXP Semiconductors ADC1413D Datasheet HTML 36Page - NXP Semiconductors ADC1413D Datasheet HTML 37Page - NXP Semiconductors ADC1413D Datasheet HTML 38Page - NXP Semiconductors ADC1413D Datasheet HTML 39Page - NXP Semiconductors ADC1413D Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
ADC1413D_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 9 February 2011
36 of 43
NXP Semiconductors
ADC1413D series
Dual 14-bit ADC; serial JESD204A interface
0
LANE_PD
R/W
lane power-down control:
0
lane is operational
1
lane is in Power-down mode
Table 50.
Lane0_0_Ctrl (address 0870h) …continued
Default values are highlighted.
Bit
Symbol
Access
Value
Description
Table 51.
Lane1_0_Ctrl (address 0871h)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7
-
-
0
not used
6
SCR_IN_MODE
R/W
defines the input type for scrambler and 8-bit/10-bit units:
0 (reset)
(normal mode) = input of the scrambler and 8-bit/10-bit
units is the output of the frame assembly unit.
1
input of the scrambler and 8-bit/10-bit units is the PRBS
generator (PRBS type is defined with “PRBS_TYPE[1:0]”
(Ser_PRBS_Ctrl register)
5 to 4
LANE_MODE[1:0]
R/W
defines output type of lane output unit:
00 (reset)
normal mode: lane output is the 8-bit/10-bit output unit
01
constant mode: lane output is set to a constant (0x0)
10
toggle mode: lane output is toggling between 0x0 and 0x1
11
PRBS mode: lane output is the PRSB generator (PRBS type is
defined with “PRBS_TYPE[1:0]” (Ser_PRBS_Ctrl register)
3
-
-
0
not used
2
LANE_POL
R/W
defines lane polarity:
0
lane polarity is normal
1
lane polarity is inverted
1
LANE_CLK_POS_EDGE R/W
defines lane clock polarity:
0
lane clock provided to the serializer is active on positive
edge
1
lane clock provided to the serializer is active on negative edge
0
LANE_PD
R/W
lane power-down control:
0
lane is operational
1
lane is in Power-down mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com