Electronic Components Datasheet Search
  English  ▼

X  

ADC1413D Datasheet(PDF) 14 Page - NXP Semiconductors

Part # ADC1413D
Description  Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1413D Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button ADC1413D Datasheet HTML 10Page - NXP Semiconductors ADC1413D Datasheet HTML 11Page - NXP Semiconductors ADC1413D Datasheet HTML 12Page - NXP Semiconductors ADC1413D Datasheet HTML 13Page - NXP Semiconductors ADC1413D Datasheet HTML 14Page - NXP Semiconductors ADC1413D Datasheet HTML 15Page - NXP Semiconductors ADC1413D Datasheet HTML 16Page - NXP Semiconductors ADC1413D Datasheet HTML 17Page - NXP Semiconductors ADC1413D Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
ADC1413D_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 9 February 2011
14 of 43
NXP Semiconductors
ADC1413D series
Dual 14-bit ADC; serial JESD204A interface
11. Application information
11.1 Analog inputs
11.1.1 Input stage description
The analog input of the ADC1413D supports a differential or a single-ended input drive.
Optimal performance is achieved using differential inputs with the common-mode input
voltage (VI(cm)) on pins INxP and INxM set to 0.5VDDA.
The full-scale analog input voltage range is configurable between 1 V (p-p) and 2 V (p-p)
via a programmable internal reference (see Section 11.2 and Table 21).
Figure 6 shows the equivalent circuit of the sample-and-hold input stage, including
ElectroStatic Discharge (ESD) protection and circuit and package parasitics.
The sample phase occurs when the internal clock (derived from the clock signal on pin
CLKP/CLKM) is HIGH. The voltage is then held on the sampling capacitors. When the
clock signal goes LOW, the stage enters the hold phase and the voltage information is
transmitted to the ADC core.
Fig 6.
Input sampling circuit
005aaa069
INAP
INBP
package
ESD
parasitics
switch
Ron = 15 Ω
4 pF
4 pF
Cs
Cs
switch
Ron = 15 Ω
INAM
INBM
1, 14
2, 13
internal
clock
internal
clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com