Electronic Components Datasheet Search
  English  ▼

X  

ADC1413D Datasheet(PDF) 11 Page - NXP Semiconductors

Part # ADC1413D
Description  Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1413D Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button ADC1413D Datasheet HTML 7Page - NXP Semiconductors ADC1413D Datasheet HTML 8Page - NXP Semiconductors ADC1413D Datasheet HTML 9Page - NXP Semiconductors ADC1413D Datasheet HTML 10Page - NXP Semiconductors ADC1413D Datasheet HTML 11Page - NXP Semiconductors ADC1413D Datasheet HTML 12Page - NXP Semiconductors ADC1413D Datasheet HTML 13Page - NXP Semiconductors ADC1413D Datasheet HTML 14Page - NXP Semiconductors ADC1413D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
[1]
Typical values measured at VDDA =3V, VDDD =1.8 V, Tamb =25 C. Minimum and maximum values are across the full temperature range Tamb = 40 C to +85 C at VDDA =3V,
VDDD = 1.8 V; VI (INAP, INBP)  VI (INAM, INBM) = 1 dBFS; internal reference mode; 100  differential applied to serial outputs; unless otherwise specified.
10.2 Clock and digital output timing
[1]
Typical values measured at VDDA =3V, VDDD =1.8 V, Tamb =25 C. Minimum and maximum values are across the full temperature range Tamb = 40 C to +85 C at VDDA =3V,
VDDD = 1.8 V; VI (INAP, INBP)  VI (INAM, INBM) = 1 dBFS; internal reference mode; 100 W differential applied to serial outputs; unless otherwise specified.
IMD
intermodulation distortion fi = 3 MHz
-
89
-
-
89
-
-
88
-
-
89
-
dBc
fi = 30 MHz
-88-
-88-
-88-
-
88
-
dBc
fi = 70 MHz
-87-
-87-
-86-
-
86
-
dBc
fi = 170 MHz
-
84
-
-
85
-
-
83
-
-
84
-
dBc
ct(ch)
channel crosstalk
fi = 70 MHz
-
100
-
-
100
-
-
100
-
-
100
-
dBc
Table 6.
Dynamic characteristics[1] …continued
Symbol
Parameter
Conditions
ADC1413D065
ADC1413D080
ADC1413D105
ADC1413D125
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Table 7.
Clock and digital output characteristics[1]
Symbol
Parameter
Conditions
ADC1413D065
ADC1413D080
ADC1413D105
ADC1413D125
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Clock timing input: pins CLKP and CLKM
fclk
clock frequency
40
-
65
60
-
80
75
-
105
100
-
125
Msps
tlat(data)
data latency time
clock cycles
307
-
850
250
-
283
190
-
226
160
-
170
ns
clk
clock duty cycle
DCS_EN = logic 1
30
50
70
30
50
70
30
50
70
30
50
70
%
td(s)
sampling delay time
-
0.8
-
-
0.8
-
-
0.8
-
-
0.8
-
ns
twake
wake-up time
-76-
-76-
-76-
-76-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com