Electronic Components Datasheet Search
  English  ▼

X  

ADF7241 Datasheet(PDF) 22 Page - Analog Devices

Part # ADF7241
Description  Low Power IEEE 802.15.4 Zero-IF 2.4 GHz Transceiver IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7241 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF7241 Datasheet HTML 18Page - Analog Devices ADF7241 Datasheet HTML 19Page - Analog Devices ADF7241 Datasheet HTML 20Page - Analog Devices ADF7241 Datasheet HTML 21Page - Analog Devices ADF7241 Datasheet HTML 22Page - Analog Devices ADF7241 Datasheet HTML 23Page - Analog Devices ADF7241 Datasheet HTML 24Page - Analog Devices ADF7241 Datasheet HTML 25Page - Analog Devices ADF7241 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
ADF7241
Rev. 0 | Page 22 of 72
TERMINOLOGY
ACK
IEEE 802.15.4-2006 acknowledgment frame
ADC
Analog-to-digital converter
AGC
Automatic gain control
Battmon
Battery monitor
CCA
Clear channel assessment
BBRAM
Backup battery random access memory
CSMA/CA
Carrier-sense-multiple-access with collision avoidance
DR
Data rate
DSSS
Direct sequence spread spectrum
FCS
Frame check sequence
FHSS
Frequency hopping spread spectrum
FCF
Frame control field
LQI
Link quality indicator
MCR
Modem configuration register
MCU
Microcontroller unit
NC
Not connected
OCL
Offset correction loop
OQPSK
Offset-quadrature phase shift keying
PA
Power amplifier
PHR
PHY header
PHY
Physical layer
POR
Power-on reset
PSDU
PHY service data unit
RC
Radio controller
RCO32K
32 kHz RC oscillator
RSSI
Receive signal strength indicator
RTC
Real-time clock
SFD
Start-of-frame delimiter
SQI
Signal quality indicator
VCO
Voltage-controlled oscillator
WUC
Wake-up controller
XTO26M
26 MHz crystal oscillator
XTO32K
32 kHz crystal oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com