Electronic Components Datasheet Search
  English  ▼

X  

ADF7241 Datasheet(PDF) 27 Page - Analog Devices

Part # ADF7241
Description  Low Power IEEE 802.15.4 Zero-IF 2.4 GHz Transceiver IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7241 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADF7241 Datasheet HTML 23Page - Analog Devices ADF7241 Datasheet HTML 24Page - Analog Devices ADF7241 Datasheet HTML 25Page - Analog Devices ADF7241 Datasheet HTML 26Page - Analog Devices ADF7241 Datasheet HTML 27Page - Analog Devices ADF7241 Datasheet HTML 28Page - Analog Devices ADF7241 Datasheet HTML 29Page - Analog Devices ADF7241 Datasheet HTML 30Page - Analog Devices ADF7241 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
ADF7241
Rev. 0 | Page 27 of 72
RF FREQUENCY SYNTHESIZER BANDWIDTH
The ADF7241 radio controller optimizes the RF frequency synthe-
sizer bandwidth based on whether the device is in the RX or the
TX state. If the device is in the RX state, the frequency synthe-
sizer bandwidth is set by the radio controller to ensure optimum
blocker rejection. If the device is in the TX state, the radio
controller sets the frequency synthesizer bandwidth based on
the required data rate to ensure optimum modulation quality.
RF CHANNEL FREQUENCY PROGRAMMING
The frequency of the synthesizer is programmed with the
frequency control word, ch_freq[23:0], which extends over
Register ch_freq0, Register ch_freq1, and Register ch_freq2.
The frequency control word, ch_freq[23:0], contains a binary
representation of the absolute frequency of the desired channel
divided by 10 kHz.
Writing a new channel frequency value to the frequency control
word, ch_freq[23:0], takes effect after the next frequency synthe-
sizer calibration phase. The frequency synthesizer is calibrated
by default during the transition into the PHY_RDY from the
idle state as well as in the TX, RX and CCA states. Refer to the
RF Frequency Synthesizer Calibration, Transmitter, and
Receiver sections for further details. To facilitate fast channel
frequency changes, a new frequency control word can be
written in the RX state before a packet has been received. The
next RC_RX or RC_TX command initiates the required
frequency synthesizer calibration and settling cycle. Similarly, a
new frequency control word can be written after a packet has
been transmitted while in the TX state and the next RC_RX or
RC_TX command initiates the frequency synthesizer
calibration and settling cycle.
REFERENCE CRYSTAL OSCILLATOR
The on-chip crystal oscillator generates the reference frequency
for the frequency synthesizer and system timing. The oscillator
operates at a frequency of 26 MHz. The crystal oscillator is
amplitude controlled to ensure a fast start-up time and stable
operation under different operating conditions. The crystal and
associated external components should be chosen with care
because the accuracy of the crystal oscillator can have a significant
impact on the performance of the communication system. Apart
from the accuracy and drift specification, it is important to con-
sider the nominal loading capacitance of the crystal. Crystals
with a high loading capacitance are less sensitive to frequency
pulling due to tolerances of external capacitors and the printed
circuit board parasitic capacitances. When selecting a crystal, these
advantages should be balanced against the higher current
consumption, longer start-up time, and lower trimming range
resulting from a larger loading capacitance.
The total loading capacitance must be equal to the specified
load capacitance of the crystal and comprises the external
parallel loading capacitors, the parasitic capacitances of the
XOSC26P and XOSC26N pins, as well as the parasitic capaci-
tance of tracks on the printed circuit board.
The ADF7241 has an integrated crystal oscillator tuning capacitor
that facilitates the compensation of systematic production
tolerance and temperature drift. The tuning capacitor is con-
trolled with Register xto26_trim _cal, Field xto26_trim (0x371).
The tuning range provided by the tuning capacitor depends on
the loading capacitance of a specific crystal. The total tuning
range is typically 25 ppm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com