Electronic Components Datasheet Search
  English  ▼

X  

ADF7241 Datasheet(PDF) 33 Page - Analog Devices

Part # ADF7241
Description  Low Power IEEE 802.15.4 Zero-IF 2.4 GHz Transceiver IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7241 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADF7241 Datasheet HTML 29Page - Analog Devices ADF7241 Datasheet HTML 30Page - Analog Devices ADF7241 Datasheet HTML 31Page - Analog Devices ADF7241 Datasheet HTML 32Page - Analog Devices ADF7241 Datasheet HTML 33Page - Analog Devices ADF7241 Datasheet HTML 34Page - Analog Devices ADF7241 Datasheet HTML 35Page - Analog Devices ADF7241 Datasheet HTML 36Page - Analog Devices ADF7241 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
ADF7241
Rev. 0 | Page 33 of 72
RECEIVER
RECEIVE OPERATION
The two primary receiver operating modes are
•
IEEE 802.15.4-2006 packet manager mode
•
IEEE 802.15.4-2006 SPORT mode
The desired operating mode is selected with Register rc_cfg,
Field rc_mode. The SPORT modes are explained in more detail
in the SPORT Interface section.
The output of the post demodulator filter is fed into a bank of
correlators, which compare the incoming data sequences to the
expected IEEE 802.15.4-2006 sequences. The receiver block
operates in three primary states.
•
Preamble qualification
•
Symbol timing recovery
•
Data symbol reception
During preamble qualification, the correlators check for the pres-
ence of preamble. When preamble is qualified, the device enters
symbol timing recovery mode. The device symbol timing is
achieved once a valid SFD is detected. The ADF7241 supports
programmable SFDs. Refer to the Programmable SFD section
for further details.
The received symbols are then passed to the packet manager in
packet mode or the SPORT interface in SPORT mode. In SPORT
mode, four serial clocks are output on Pin TRCLK_CKO_GP3,
and four data bits are shifted out on Pin DR_GP0 for each received
symbol. Refer to the SPORT Interface section for further details.
If in packet mode, when the packet manager determines the end
of a packet, the ADF7241 automatically transitions to PHY_RDY
or TX or remains in RX, depending on the setting in Register
buffercfg, Field rx_buffer_mode (see Receiver Configuration in
Packet Mode section). If in SPORT mode, the part remains in
RX until the user issues a command to change to another state.
Programmable SFD
An alternative to the standard IEEE 802.15.4-2006 SFD byte can
optionally be selected by the user. The default setting of Register
sfd_15_4, Field sfd_symbol_1 and Field sfd_symbol_2 (0x3F4[7:0])
is the standard IEEE 802.15.4-2006 SFD. If the user programs
this register with an alternative value, this is used as the SFD in
receive and transmit. The requirements are as follows:
•
The value must not be a repeated symbol (for example, not
0x11 or 0x22).
•
The value must not be similar to the preamble symbol (that
is, not Symbol 0x0 or Symbol 0x8).
Receiver Configuration in Packet Mode
Packet management support is selected when Register rc_cfg,
Field rc_mode = 0 (0x13E[7:0]). RX_BUFFER is overwritten
when the ADF7241 enters the RX state following an RC_RX
command and an SFD is detected. The SFD is stripped off the
incoming frame, and all data following and including the frame
length (PHR) is written to RX_BUFFER.
If Register pkt_cfg, Field auto_fcs_off = 1, the FCS of the incoming
frame is stored in RX_BUFFER. When the entire frame has been
received, an rx_pkt_rcvd interrupt is asserted irrespective of the
correctness of the FCS. If auto_fcs_off = 0, the radio controller
calculates the FCS of the incoming frame according to the FCS
polynomial defined in the IEEE 802.15.4-2006 standard (see
Equation 1), and compares the result against the FCS of the
incoming frame. An rx_pkt_rcvd interrupt is asserted only if
both FCS fields match. The FCS is not written to RX_BUFFER
but is replaced with the measured RSSI and signal quality
indicator (SQI ) values of the received frame (see Figure 41).
1
)
(
5
12
16
16
+
+
+
=
x
x
x
x
G
(1)
The behavior of the radio controller following the reception
of a frame can be configured with Register buffercfg, Field rx_
buffer_mode (0x107[1:0]). With the default setting rx_buffer_
mode = 0, the part reverts automatically to PHY_RDY when an
rx_pkt_rcvd interrupt condition occurs. This mode prevents
RX_BUFFER from being overwritten by the next frame before
the host MCU can read it from the ADF7241. This is because a
new frame is always written to RX_BUFFER starting from the
address stored in Register rxpb, Field rx_pkt_base (0x315[7:0]).
Note that reception of the next frame is inhibited until the MAC
delay following an RC_RX command has elapsed.
If Register buffercfg, Field rx_buffer_mode = 1 (0x107[1:0]),
the part remains in the RX state, and the reception of the next
packet is enabled one MAC delay period after the frame has
been written to RX_BUFFER. Depending on the network setup,
this mode can cause an unnoticed violation of RX_BUFFER
integrity if a frame arrives prior to the MCU having read the
frame from RX_BUFFER.
If Register buffercfg, Field rx_buffer_mode = 2 (0x107[1:0]),
the reception of frames is disabled. This mode is useful for RSSI
measurements and CCA, if the contents of RX_BUFFER are to
be preserved.
RECEIVER CALIBRATION
The receive path is calibrated each time an RC_RX command is
issued. Figure 42 outlines the synthesizer and receive path
calibration sequence and timing. The calibration step VCO_cal is
omitted by setting Register vco_cal_cfg, Field skip_vco_cal = 15
(0x36F[3:0]), which is an option if the value of ch_freq[23:0]
remains unchanged during transitions between the PHY_RDY,
RX, and TX states. The synthesizer settling phase is always
required because the PLL bandwidth is optimized differently for
RX and TX operation. The static offset correction phase
(OCL_stat) and dynamic offset correction phase (OCL_dyn) are
also mandatory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com