Electronic Components Datasheet Search
  English  ▼

X  

ADF7241 Datasheet(PDF) 25 Page - Analog Devices

Part # ADF7241
Description  Low Power IEEE 802.15.4 Zero-IF 2.4 GHz Transceiver IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7241 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADF7241 Datasheet HTML 21Page - Analog Devices ADF7241 Datasheet HTML 22Page - Analog Devices ADF7241 Datasheet HTML 23Page - Analog Devices ADF7241 Datasheet HTML 24Page - Analog Devices ADF7241 Datasheet HTML 25Page - Analog Devices ADF7241 Datasheet HTML 26Page - Analog Devices ADF7241 Datasheet HTML 27Page - Analog Devices ADF7241 Datasheet HTML 28Page - Analog Devices ADF7241 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
ADF7241
Rev. 0 | Page 25 of 72
Sleep States
SLEEP_BBRAM_XTO
The sleep state is entered with the RC_SLEEP command. The
sleep state can be configured to operate in three different
modes, which are listed in Table 17.
This mode enables the 32 kHz crystal oscillator and retains
certain configuration registers in the BBRAM during the sleep
state. To enable SLEEP_BBRAM_XTO mode, set Register
tmr_cfg1, Field sleep_config = 5. A wake-up interrupt can be
set using, for example, Register irq1_en0, Field wakeup = 1.
Refer to the Wake-Up Controller (WUC) section for details on
how to configure the ADF7241 WUC.
Table 17. ADF7241 Sleep Modes
Sleep Mode
Active
Circuits
Functionality
SLEEP_BBRAM
BBRAM
Packet RAM and modem
configuration register (MCR)
contents are not maintained.
BBRAM retains the IEEE
802.15.4-2006 node
addresses1.
SLEEP_BBRAM_RCO
This mode enables the 32 kHz RC oscillator and retains certain
configuration registers in the BBRAM during the sleep state.
This mode can be used when lower timer accuracy is acceptable
by the communication system. It is enabled by setting Register
tmr_cfg1, Field sleep_config = 11. A wake-up interrupt can be
set using, for example, Register irq1_en0, Field wakeup = 1.
Refer to the Wake-Up Controller (WUC) section for details on
how to configure the ADF7241 WUC.
SLEEP_BBRAM_XTO
BBRAM and
32 kHz
crystal
oscillator
32 kHz crystal oscillator is
enabled, with data retention
in the BBRAM.
SLEEP_BBRAM_RCO
BBRAM and
32 kHz RC
Oscillator
32 kHz RC oscillator is
enabled, with data retention
in the BBRAM.
Wake-Up from the Sleep State
The host MCU can bring CS low at any time to wake the
ADF7241 from the sleep state. After bringing CS low, it must
wait until the MISO output (SPI_READY flag) goes high prior
to accessing the SPI port. This delay reflects the start-up time of
the ADF7241. When the MISO output is high, the voltage
regulator of the digital section and the crystal oscillator have
stabilized. Unless the chip is in the sleep state, the MISO pin
always goes high immediately after bringing CS low. The sleep
state can also be exited by a timeout event with the WUC
configured. Refer to the
section
for details on how to configure the ADF7241 WUC.
Wake-Up Controller (WUC)
1 Refer to the Receiver Configuration in Packet Mode section for further
details.
SLEEP MODES
The sleep modes are configurable with the wake-up configura-
tion registers, tmr_cfg0 and tmr_cfg1. The contents of Register
tmr_cfg0 and Register tmr_cfg1 are reset in the sleep state.
SLEEP_BBRAM
This mode is suitable for applications where the MCU is equipped
with its own wake-up timer. SLEEP_BBRAM mode is enabled
by setting Register tmr_cfg1, Field sleep_config = 1.
t15
RC_RESET
(0xC8)
IDLE
IDLE
SLEEP
APPLY
VDD_BAT
SPI COMMAND
TO ADF7241
DEVICE STATE
CS
Figure 31. Cold Start Sequence from Application of the Battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com