Electronic Components Datasheet Search
  English  ▼

X  

ADF7241 Datasheet(PDF) 30 Page - Analog Devices

Part # ADF7241
Description  Low Power IEEE 802.15.4 Zero-IF 2.4 GHz Transceiver IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7241 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADF7241 Datasheet HTML 26Page - Analog Devices ADF7241 Datasheet HTML 27Page - Analog Devices ADF7241 Datasheet HTML 28Page - Analog Devices ADF7241 Datasheet HTML 29Page - Analog Devices ADF7241 Datasheet HTML 30Page - Analog Devices ADF7241 Datasheet HTML 31Page - Analog Devices ADF7241 Datasheet HTML 32Page - Analog Devices ADF7241 Datasheet HTML 33Page - Analog Devices ADF7241 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
ADF7241
Rev. 0 | Page 30 of 72
RX
TX
PHY_RDY
VALID IEEE802.15.4-2006 FRAME
FRAME IN TX_BUFFER
tx_mac_delay +
mac_delay_ext
RC_STATUS
REGISTER irq_src0, FIELD rc_ready
REGISTER irq_src1, FIELD rx_pkt_rcvd
REGISTER irq_src1, FIELD tx_pkt_sent
PACKET
RECEIVED
PACKET
TRANSMITTED
t27,t28
t26
Figure 37. IEEE 802.15.4 Auto RX-to-TX Turnaround Mode
IEEE 802.15.4 AUTOMATIC RX-TO-TX
TURNAROUND MODE
The ADF7241 features an automatic RX-to-TX turnaround mode
when it is operating in IEEE 802.15.4-2006 packet mode
(Register rc_cfg, Field rc_mode = 0). The automatic RX-to-TX
turnaround mode facilitates the timely transmission of
acknowledgment frames.
Figure 37 illustrates the timing of the automatic RX-to-TX
turnaround mode. When enabled by setting Register buffercfg,
Field auto_rx_to_tx_turnaround, the ADF7241 automatically
enters the TX state following the reception of a valid IEEE
802.15.4-2006 frame. After the combined transmit MAC delay
(tx_mac_delay + mac_delay_ext), the ADF7241 enters the TX
state and transmits the frame stored in TX_BUFFER. After the
transmission is complete, the ADF7241 enters the PHY_RDY
state. There is a 38 μs delay between the reception of the last
symbol and the generation of the rx_pkt_rcvd interrupt. The
transmit MAC delay timeout period begins immediately after
the reception of the last symbol. Therefore, the host MCU has
up to t28 μs (see Table 12) after a frame has been received to cancel
the transmit operation by means of issuing an RC_IDLE,
RC_PHY_RDY, or RC_RX command.
POWER AMPLIFIER
The integrated power amplifier (PA) is connected to the RFIO2P
and RFIO2N RF ports. It is equipped with a built-in harmonic
filter to simplify the design of the external harmonic filter. The
output power of the PA is set with Register extpa_msc, Field
pa_pwr with an average step size of 2 dB. The step size increases
at the lower end of the control range. Refer to Figure 26 for the
typical variation of output power step size with the control word
value. The PA also features a high power mode, which can be
enabled by setting Register pa_bias, Field pa_bias_ctrl = 63 and
Register pa_cfg, Field pa_bridge_dbias = 21.
PA Ramping Controller
The PA ramping controller of the ADF7241 minimizes spectral
splatter generated by the transmitter. Upon entering the TX state,
the ramping controller automatically ramps the output power of
the PA from the minimum output power to the specified nominal
value. In packet mode, transmission of the packet commences
after the ramping phase. When the transmission of the packet is
complete or the TX state is exited, the PA is turned off immedi-
ately. It is also possible to allow the PA to ramp down its output
power using the same ramp rate for the ramp-up phase, by
setting Register ext_ctrl, Field pa_shutdown_mode to 1.
Figure 38 illustrates the shape of the PA ramping profile and its
timing. It follows a linear-in-dB shape. The ramp time depends on
the output power setting in Register extpa_msc, Field pa_pwr
and is specified with Register pa_rr, Field pa_ramp_rate
according to the following equation:
t_ramp = 2pa_rr.pa_ramp_rate × 2.4 ns × extpa_msc.pa_pwr
External PA Interface
The ADF7241 has an integrated biasing block for external PA
circuits as shown in Figure 39. It is suitable for external PA circuits
based on a single GaAs MOSFET and a wide range of integrated
PA modules. The key components are shown in Figure 40. A
switch between Pin VDD_BAT and Pin PAVSUP_ATB3 controls
the supply current to the external FET. PABIOP_ATB4 can be
used to set a bias point for the external FET. The bias point is
controlled by a 5-bit DAC and/or a bias servo loop.
To have the external PA interface under direct control of the host
MCU, set Register ext_ctrl, Field extpa_auto_en = 0. The host
MCU can then use Register pd_aux, Field extpa_bias_en to enable
or disable the external PA. If Register ext_ctrl, Field extpa_auto_en
= 1, the external PA automatically turns on when entering, and
turns off when exiting the TX state. If this setting is used, the host
MCU should not alter the configuration of Register pd_aux, Field
extpa_bias_en.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com