Electronic Components Datasheet Search
  English  ▼

X  

SX8661 Datasheet(PDF) 43 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 43 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 39Page - Semtech Corporation SX8661 Datasheet HTML 40Page - Semtech Corporation SX8661 Datasheet HTML 41Page - Semtech Corporation SX8661 Datasheet HTML 42Page - Semtech Corporation SX8661 Datasheet HTML 43Page - Semtech Corporation SX8661 Datasheet HTML 44Page - Semtech Corporation SX8661 Datasheet HTML 45Page - Semtech Corporation SX8661 Datasheet HTML 46Page - Semtech Corporation SX8661 Datasheet HTML 47Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
43
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
5
DETAILED CONFIGURATION DESCRIPTIONS
5.1
Introduction
The SX8661 configuration parameters are taken from the QSM or the NVM and loaded into the SPM as explained
in the chapter ‘functional description’.
This chapter describes the details of the configuration parameters of the SX8661.
The SPM is split by functionality into 5 configuration sections:
• General section: operating modes,
• Capacitive Sensors section: related to lower level capacitive sensing,
• Proximity: defining parameters related to proximity sensing
• Button: related to the conversion from sensor data towards button information,
• AOI: defining parameters for the AOI
• Buzzer: defining parameters for the AOI
• Mapping: related to mapping of button information towards GPIO pins,
• GPIO: related to the setup of the GPIO pins.
The total address space of the SPM and the NVM is 128 bytes, from address 0x00 to address 0x7F.
Two types of memory addresses, data are accessible to the user.
• ‘application data’: Application dependent data that need to be configured by the user.
• ‘reserved’: Data that need to be maintained by the user to the QSM default values (i.e. when NVM is burned).
The Table 12 and Table 13 resume the complete SPM address space and show the ‘application data’ and
‘reserved’ addresses, the functional split and the default values (loaded from the QSM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com