Electronic Components Datasheet Search
  English  ▼

X  

SX8661 Datasheet(PDF) 75 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 75 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 71Page - Semtech Corporation SX8661 Datasheet HTML 72Page - Semtech Corporation SX8661 Datasheet HTML 73Page - Semtech Corporation SX8661 Datasheet HTML 74Page - Semtech Corporation SX8661 Datasheet HTML 75Page - Semtech Corporation SX8661 Datasheet HTML 76Page - Semtech Corporation SX8661 Datasheet HTML 77Page - Semtech Corporation SX8661 Datasheet HTML 78Page - Semtech Corporation SX8661 Datasheet HTML 79Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
75
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
6.6
SPM Gateway Registers
The SX8661 I2C interface offers two registers for exchanging the SPM data with the host.
• SpmCfg
• SpmBaseAddr
Address
Name
Bits
Description
7:6
00: Reserved
5:4
Defines the normal operation or SPM mode
00: I2C in normal operation mode (default)
01: I2C in SPM mode
10: Reserved
11: Reserved
3
Defines r/w direction of SPM
0: SPM write access (default)
1: SPM read access
0x0D
SpmCfg
2:0
000: Reserved
Table 36
SPM access configuration
Address
Name
Bits
Description
0x0E
SpmBaseAddr
7:0
SPM Base Address (modulo 8).
The lowest address is 0x00 (default)
The highest address is 0x78.
Table 37
SPM Base Address
The exchange of data, read and write, between the host and the SPM is always done in bursts of eight bytes.
The base address of each burst of eight bytes is a modulo 8 number, starting at 0x00 and ending at 0x78.
The registers SpmKeyMsb and SpmKeyLsb are required for NVM programming as described in section 6.7.
Address
Name
Bits
Description
0xAC
SpmKeyMsb
7:0
SPM to NVM burn Key MSB
Unlock requires writing data: 0x62
Table 38
SPM Key MSB at I2C register address 0xAC
Address
Name
Bits
Description
0xAD
SpmKeyLsb
7:0
SPM to NVM burn Key LSB
Unlock requires writing data: 0x9D
Table 39
SPM Key LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com