Electronic Components Datasheet Search
  English  ▼

X  

SX8661 Datasheet(PDF) 48 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 48 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 44Page - Semtech Corporation SX8661 Datasheet HTML 45Page - Semtech Corporation SX8661 Datasheet HTML 46Page - Semtech Corporation SX8661 Datasheet HTML 47Page - Semtech Corporation SX8661 Datasheet HTML 48Page - Semtech Corporation SX8661 Datasheet HTML 49Page - Semtech Corporation SX8661 Datasheet HTML 50Page - Semtech Corporation SX8661 Datasheet HTML 51Page - Semtech Corporation SX8661 Datasheet HTML 52Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
48
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
Capacitive Sensors Parameters
Address
Name
Bits Description
0x7: 7 seconds
0x8: 16 seconds
0x9: 18 seconds
…
0xE: 28 seconds
0xF: 60 seconds
0x70
CapProxEnable
7:0 Enables proximity sensing.
0x46: OFF
0x74: ON (default)
Table 15
Capacitive Sensors Parameters
CapModeMisc:
By default the ASI is using an individual sensitivity for each CAP pin (with proximity sensor set to maximum
sensitivity while touch sensors are set to a lower one). The individual sensitivity mode results in longer sensing
periods than required in common sensitivity mode.
The ASI can use common sensitivity for all capacitive sensors in the case overlay material and sensors sizes
are about equal. The register bits CapSensitivity0_1[7:4] determine the sensitivity for all sensors in common
sensitivity mode.
CapMode7_4, CapMode3_0:
The CAP7 to CAP0 pins can be set as a button or disabled depending on the application.
CAP0 can be used for proximity sensing (additionally set register CapProxEnable).
minimum
maximum
Buttons
zero
seven
Table 16
Number of buttons (with CAP0 = proximity)
minimum
maximum
Buttons
one
eight
Table 17
Number of buttons (with CAP0 = button or disabled)
Buttons and disabled CAP pins can be attributed freely (examples in Figure 52).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com