Electronic Components Datasheet Search
  English  ▼

X  

SX8661 Datasheet(PDF) 60 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 60 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 56Page - Semtech Corporation SX8661 Datasheet HTML 57Page - Semtech Corporation SX8661 Datasheet HTML 58Page - Semtech Corporation SX8661 Datasheet HTML 59Page - Semtech Corporation SX8661 Datasheet HTML 60Page - Semtech Corporation SX8661 Datasheet HTML 61Page - Semtech Corporation SX8661 Datasheet HTML 62Page - Semtech Corporation SX8661 Datasheet HTML 63Page - Semtech Corporation SX8661 Datasheet HTML 64Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
60
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
AoiLevelBtn0,
AoiLevelBtn1,
AoiLevelBtn2,
AoiLevelBtn3,
AoiLevelBtn4,
AoiLevelBtn5,
AoiLevelBtn6,
AoiLevelBtn7, AoiLevelIdle
These registers define the level that will be output on AOI-A or AOI-B (depending on button mapping) when the
corresponding button is touched or when the corresponding state is active or idle. The duty cycle is defined as
a number of steps.
The mean voltage of a PWM signal is given by:
Mean voltage ≈ (AoiLevelBtnx / AoiPmwPeriod) * Maximum Voltage (VDD)
or:
AoiLevelBtnx ≈ (Mean voltage / Maximum Voltage (VDD)) * AoiPmwPeriod
AoiPwmPeriod is 255 or 63.
Example:
When button 0 is touched the desired AOI voltage is 0.30 Volts.
To calculate the AoiLevelBtnx is as follows (with AoiPwmPeriod=255):
Assuming a 3.3V VDD:
AoiLevelBtnx
≈
(Mean voltage / Maximum Voltage (VDD)) * AoiPmwPeriod
≈
(0.3/3.3) * 255 ≈ 23 decimal
Write 0x17 in the register AoiBtn0DutyCycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com