Electronic Components Datasheet Search
  English  ▼

X  

SX8661 Datasheet(PDF) 62 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 62 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 58Page - Semtech Corporation SX8661 Datasheet HTML 59Page - Semtech Corporation SX8661 Datasheet HTML 60Page - Semtech Corporation SX8661 Datasheet HTML 61Page - Semtech Corporation SX8661 Datasheet HTML 62Page - Semtech Corporation SX8661 Datasheet HTML 63Page - Semtech Corporation SX8661 Datasheet HTML 64Page - Semtech Corporation SX8661 Datasheet HTML 65Page - Semtech Corporation SX8661 Datasheet HTML 66Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
62
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
5.8
Mapping Parameters
Mapping Parameters
Address
Name
Bits
Description
7:4
GPIO[7]
Default: 0x0
0x3B
MapAutoLight0
3:0
GPIO[6]
Default: 0x7
7:4
GPIO[5]
Default: 0x6
0x3C
MapAutoLight1
3:0
GPIO[4]
Default: 0x5
7:4
GPIO[3]
Default: 0x4
0x3D
MapAutoLight2
3:0
GPIO[2]
Default: 0x3
7:4
GPIO[1]
Default: 0x2
0x3E
MapAutoLight3
3:0
GPIO[0]
Default: 0x1
Defines the mapping between GPOs (with
Autolight ON) and sensor events.
0x00: Btn0 or Proximity
0x01: Btn1
…
0x07: Btn7
0x08…0x0B: Reserved
0x0C: Group0 as defined by MapAutoLightGrp0
0x0D: Group1 as defined by MapAutoLightGrp1
0x0E: Reserved
0x0F: Reserved
Several GPOs can be mapped to the same sensor
event and will be controlled simultaneously.
0x3F
MapAutoLightGrp0Msb
7:0
Reserved (0x00)
7
Btn7
6
Btn6
5
Btn5
4
Btn4
3
Btn3
2
Btn2
1
Btn1
0x40
MapAutoLightGrp0Lsb
0
Btn0 or Proximity
Defines Group0 sensor events:
0: OFF
1: ON
If any of the enabled sensor events occurs the
Group0 event will occur as well.
All sensors events within the group can be
independently set.
Default: 0x00
0x41
MapAutoLightGrp1Msb
7:0
Reserved (0x00)
7
Btn7
6
Btn6
5
Btn5
4
Btn4
3
Btn3
2
Btn2
1
Btn1
0x42
MapAutoLightGrp1Lsb
0
Btn0 or Proximity
Defines Group1 sensor events:
0: OFF
1: ON
If any of the enabled sensor events occurs the
Group0 event will occur as well.
All sensors events within the group can be
independently set.
Default: 0x00
Table 24
Mapping Parameters
MapAutoLight0, MapAutoLight1, MapAutoLight2, MapAutoLight3
MapAutoLightGrp0Msb, MapAutoLightGrp0Lsb, MapAutoLightGrp1Msb, MapAutoLightGrp1Lsb
These registers define the mapping between the GPO pins (with Autolight ON) and the sensor information
which will control its ON/OFF state.
The mapping can be done to a specific sensor event but also on groups (in this case any sensor event in the
group will control the GPO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com