Electronic Components Datasheet Search
  English  ▼

X  

SX8661 Datasheet(PDF) 81 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 81 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 77Page - Semtech Corporation SX8661 Datasheet HTML 78Page - Semtech Corporation SX8661 Datasheet HTML 79Page - Semtech Corporation SX8661 Datasheet HTML 80Page - Semtech Corporation SX8661 Datasheet HTML 81Page - Semtech Corporation SX8661 Datasheet HTML 82Page - Semtech Corporation SX8661 Datasheet HTML 83Page - Semtech Corporation SX8661 Datasheet HTML 84Page - Semtech Corporation SX8661 Datasheet HTML 85Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
81
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
Figure 64
dual proximity LED and AOI reporting
Figure 64 shows the reporting on the LEDs and the AOI for the application with two AOIs.
On proximity all the LEDs (d1 to dx) are enabled to maximum light intensity.
A touch on any button is shown by the continuous fading in and fading out of the LED d0.
AOI-A
AOI-B
prox
idle
idle
key1
0.6V
idle
key2
0.9V
idle
key3
1.2V
idle
key4
idle
1.5V
key5
idle
1.8V
key6
idle
2.1V
key7
idle
2.4V
Table 40
example AOI-A, AOIB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com