Electronic Components Datasheet Search
  English  ▼

X  

SX8661 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 5Page - Semtech Corporation SX8661 Datasheet HTML 6Page - Semtech Corporation SX8661 Datasheet HTML 7Page - Semtech Corporation SX8661 Datasheet HTML 8Page - Semtech Corporation SX8661 Datasheet HTML 9Page - Semtech Corporation SX8661 Datasheet HTML 10Page - Semtech Corporation SX8661 Datasheet HTML 11Page - Semtech Corporation SX8661 Datasheet HTML 12Page - Semtech Corporation SX8661 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
9
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
2.4
Electrical Specifications
All values are valid within the operating conditions unless otherwise specified.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Current consumption
Active mode, average
IOP,active
30ms scan period,
8 sensors enabled,
common sensitivity 0
proximity sensing OFF
200
275
uA
Doze mode, average
IOP,Doze
195ms scan period,
8 sensors enabled,
common sensitivity 0
proximity sensing OFF
70
100
uA
Sleep
IOP,sleep
I2C listening,
sensors disabled
8
17
uA
Active mode, average
(Quick Start application)
IQS,active
30ms scan period,
8 sensors enabled,
sensitivity 2 for buttons
sensitivity 7 for proximity
proximity sensing ON
800
1100
uA
Doze mode, average
(Quick Start application)
IQS,Doze
195ms scan period,
8 sensors enabled,
sensitivity 2 for buttons
sensitivity 7 for proximity
proximity sensing ON
160
220
uA
ResetB, SCL, SDA
Input logic high
VIH
0.7*VDD
VDD + 0.3
V
Input logic low
VIL
VSS applied to GND pins
VSS - 0.3
0.8
V
Input leakage current
LI
CMOS input
±1
uA
Pull up resistor
RPU
when enabled
660
k
Ω
Pull down resistor
RPD
when enabled
660
k
Ω
GPIO set as Output, IntB, SDA
Output logic high
VOH
IOH<4mA
VDD-0.4
V
Output logic low
VOL
IOL,GPIO<12mA
IOL,SDA,INTB<4mA
0.4
V
Start-up
Power up time
tpor
time between rising edge
VDD and rising INTB
275
ms
RESETB
ResetB pulse width
tres
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com