Electronic Components Datasheet Search
  English  ▼

X  

SX8661 Datasheet(PDF) 56 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 56 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 52Page - Semtech Corporation SX8661 Datasheet HTML 53Page - Semtech Corporation SX8661 Datasheet HTML 54Page - Semtech Corporation SX8661 Datasheet HTML 55Page - Semtech Corporation SX8661 Datasheet HTML 56Page - Semtech Corporation SX8661 Datasheet HTML 57Page - Semtech Corporation SX8661 Datasheet HTML 58Page - Semtech Corporation SX8661 Datasheet HTML 59Page - Semtech Corporation SX8661 Datasheet HTML 60Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
56
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
In case the debounce is enabled the SX8661 will count up to the number of debounce samples BtnCfg [1:0],
BtnCfg [3:2] before taking a touch or release decision. The sample period is identical to the scan period.
BtnAvgPosThresh
Small environmental and system noise cause the ticks to vary slowly around the zero idle mode value.
In case the ticks get slightly positive this is considered as normal operation. Very large positive tick values
indicate a valid touch. The averaging filter is disabled as soon as the average reaches the value defined by
BtnAvgPosThresh. This mechanism avoids that a valid touch will be averaged and finally the tick difference
becomes zero.
In case three or more sensors reach the BtnAvgPosThresh value simultaneously then the SX8661 will start an
offset compensation procedure.
Small environmental and system noise cause the ticks to vary slowly around the zero idle mode value.
In case the ticks get slightly negative this is considered as normal operation. However large negative values will
trigger an offset compensation phase and a new set of DCVs will be obtained.
The decision to trigger a compensation phase based on negative ticks is determined by the value in the register
BtnCompNegThresh and by the number of ticks below the negative thresholds defined in register
BtnCompNegCntMax. An example is shown in Figure 54.
Figure 54
Negative Ticks Offset Compensation Trigger
BtnCompNegThresh
Small negative ticks are considered as normal operation and will occur very often.
Larger negative ticks however need to be avoided and a convenient method is to trigger an offset
compensation phase. The new set of DCV will assure the idle ticks will be close to zero again.
A trade-off has to be found for the value of this register. A negative threshold too close to zero will trigger a
compensation phase very often. A very negative threshold will never trigger.
BtnCompNegCntMax
As soon as the ticks get smaller than the Negative Threshold the Negative Counter starts to count.
If the counter goes beyond the Negative Counter Max then the offset compensation phase is triggered.
The recommended value for this register is ‘1’ which means that the offset compensation starts on the first tick
below the negative threshold.
BtnHysteresis
The hysteresis percentage is identical for all buttons.
A touch is detected if the ticks are getting larger as the value defined by:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com