Electronic Components Datasheet Search
  English  ▼

X  

33480 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # 33480
Description  Smart Front Corner Light
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33480 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button 33480 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
31
33480
FUNCTIONAL DESCRIPTION
PROTECTION AND DIAGNOSIS FEATURES
PREVIOUS ADDRESS SOA[1:0]=00
If the previous two LSBs are 00, bits OD15:OD0 reflect the
output status (Table 12).
PREVIOUS ADDRESS SOA[1:0]=01
If the previous two LSBs are 01, bits OD15:OD0 reflect
reflect the temperature status (Table 13).
PREVIOUS ADDRESS SOA[1:0]=10
If the previous two LSBs are 01, bits OD15:OD0 reflect the
status of the 33480 (Table 14).
PREVIOUS ADDRESS SOA[1:0]=11
Null Data. No previous register Read Back command
received, so bits OD9:OD0 are null.
Table 12. Output Status
OD15
OD14
OD13
OD12
OD11
OD10
OD9
OD8
OD7
OD6
OD5
OD4
OD3
OD2
OD1
OD0
0
0
UVF
OTW
OTS
NM
OL5
OVL5
OL4
OVL4
OL3
OVL3
OL2
OVL2
OL1
OVL1
OD13 (UVF) = Undervoltage Flag on Vbat
OD12 (OTW) = Overtemperature Prewarning Flag
OD11 (OTS) = Overtemperature Flag for all outputs
OD10 (NM) = Normal mode
OD9, OD7, OD5, OD3, OD1 (OL5, OL4, OL3, OL2, OL1) = Open Load
Flag at Outputs 5 through 1, respectively.
OD8, OD6, OD4, OD2, OD0 (OVL5, OVL4, OVL3, OVL2, OVL1) =
Overload Flag for Outputs 5 through 1, respectively.This corresponds
to overtemperature or OCHI or OCLO faults.
Note
A logic [1] at bits OD9:OD0 indicates a fault. If there is no fault, bits OD9:OD0 are logic [0].
OVL=OCHI1+OCHI2+OCLO
Table 13. Overload Status
OD15
OD14
OD13
OD12
OD11
OD10
OD9
OD8
OD7
OD6
OD5
OD4
OD3
OD2
OD1
OD0
0
1
UVF
OTW
OTS
NM
OC5
OTS5
OC4
OTS4
OC3
OTS3
OC2
OTS2
OC1
OTS1
OD13 (UVF) = Undervoltage Flag on Vbat
OD12 (OTW) = Overtemperature Prewarning Flag
OD11 (OTS) = Overtemperature Flag for all outputs
OD10 (NM) = Normal mode
OD9, OD7, OD5, OD3, OD1 (OC5, OC4, OC3, OC2, OC1) = High
Overcurrent Shutdown Flag for Outputs 5 through 1, respectively
OD8, OD6, OD4, OD2, OD0 (OTS5, OTS4, OTS3, OTS2, OTS1) =
Overtemperature Flag for Outputs 5 through 1, respectively
Note
A logic [1] at bits OD9:OD0 indicates a fault. If there is no fault, bits OD9:OD0 are logic [0].
OC=OCHI1+OCHI2
Table 14. Device Status
OD15
OD14
OD13
OD12
OD11
OD10
OD9
OD8
OD7
OD6
OD5
OD4
OD3
OD2
OD1
OD0
1
0
UVF
OTW
OTS
NM
0
0V
X
X
X
RC
0
FLASH
ER
pin
IGN pin CLOCK
fail
OD13 (UVF) = Undervoltage Flag on Vbat
OD12 (OTW) = Overtemperature Prewarning Flag
OD11 (OTS) = Overtemperature Flag for all outputs
OD10 (NM) = Normal mode
OD4 (RC) = Logic [0] indicates a Front Corner Light Switch. Logic [1]
indicates a Rear Corner Light Switch
OD2 (FLASHER pin) = Indicates the FLASHER terminal state in real
time
OD1 (IGN pin) = Indicates the IGN terminal state in real time
OD0 (CLOCK fail) = Logic [1], which indicates a clock failure
OD8 (Overvoltage) = Overvoltage Flag on Vbat in real time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com