Electronic Components Datasheet Search
  English  ▼

X  

33480 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33480
Description  Smart Front Corner Light
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33480 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33480 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33480
TERMINAL CONNECTIONS
Notes
1.
The pins 14, 17 and 23 must be shorted on the board.
10
SI
Input
Master-Out Slave-
In
This data input is sampled on the positive edge of the SCLK. This terminal has
an active internal pulldown current source.
11
VCC
Power
Logic Supply
SPI Logic power supply.
12
SO
Output
Master-In Slave-
Out
SPI data is sent to the MCU by this terminal. This data output changes on the
negative edge of SCLK and when CS is high, this terminal is high impedance.
13
FETOUT
Output
External FET Gate This terminal controls an external SMART MOSFET by logic level. This output
is also called OUT6.
14,17,23
GND
Ground
Ground
This terminal is the ground for the logic and analog circuitry of the device(1).
15
VBAT
Power
Battery Input
Power supply terminal.
16
CP
Output
Charge Pump
This terminal is the connection for an external tank capacitor (for internal use
only).
18
22
OUT1
OUT5
Output
Output 1
Output 5
Protected 35 m
Ω high-side power output to the load.
19
20
21
OUT2
OUT3
OUT4
Output
Output 2
Output 3
Output 4
Protected 10 m
Ω high-side power output to the load.
24
CSNS
Output
Current Sense
Output
This terminal is used to output a current proportional to OUT1:OUT5, FETin
current, and it is used externally to generate a ground-referenced voltage for the
microcontroller to monitor output current. OUT1:OUT5 and FETin choice is SPI
programmable.
Table 1. 33480 Terminal Definitions (continued)
A functional description of each terminal can be found in the Functional Terminal Description section beginning on Page 17.
Terminal
Number
Terminal
Name
Terminal
Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com