Electronic Components Datasheet Search
  English  ▼

X  

33781 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 33781
Description  Quad DSI 2.02 Master with
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33781 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 33781 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
33781
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Figure 17. SPI0 Communications, 32-Bit Burst Transfer Enhanced Short Word DBUS Bit Definitions
SPI1 COMMUNICATIONS
All SPI1 transactions are read only, are 16-bits in length,
and are asynchronous to SPI0. There is no MOSI pin or
function associated with SPI1, since there are no commands
sent. Figure 18 shows the signals associated with an SPI1
transfer, and Figure 19 contains the order of bits sent for
each SPI1 transaction.
SPI1 transfers start with the 1st SCLK1 transition after
CS1 asserts and ends once CS1 negates. The start of an SPI
transaction is signaled by CS1 being asserted low. If the SPI1
logic sees more than 16 SCLK1 pulses while CS1 is
asserted, zeros are returned for all additional bits (bits
beyond bit 15). If a SPI1 transaction contains less than 16-
bits (too few SCLK cycles), the data that was in process of
being sent during the transaction is discarded and not saved
for retry.
There are eight registers which can be read by SPI1 in a
cyclic fashion. Four of these registers are associated with bus
channel 2, and four are associated with bus channel 3. Data
is deposited into these registers under the following
conditions:
When the bus channel 2 is set for enhanced 10-bit short
words, the SPI1 state machine monitors outgoing bus
addresses and commands on the channel. If the command
sent is $2 (Request AN0), the address portion of the
command is saved. The response received on the next
command is stored into one of the four 16-bit register pointed
to by the channel 2 cyclic buffer write pointer, along with the
address that generated that response (saved from the
previous transaction) with the bits “01”, completing the 16 bit
write. These last two bits indicate that the transaction
occurred on channel 2. The data bits will only be written if the
status bits for that bus transaction all indicate no errors. If a
status error is indicated, the address and channel indicator
bits are stored as described, but the data bits are all set to
zeros. If there was a bus driver shutdown during the
transaction, no buffer write will occur. Further transactions
are written to the next cyclic buffer register in the same way,
overwriting data if necessary.
This same sequence occurs for channel three
transactions, except that the channel indicator bits are “10”,
and writes occur to a separate set of four 16-bit cyclic
registers.
If the channel has been put into loop mode, the same
sequence is used except the buffer write occurs only if the
data is all ones or all zeros, and the saved address from the
previous transaction is the complement of the data. The
channel indicator bits are written the same as if the channel
were in normal mode. The buffer pointer always advances,
even if the buffer is not written, so that it is synchronous with
the SPI0 RX buffer pointer.
The channel buffers are not cleared, in the case of a
channel abort.
Reads from this register by the SPI1 master are also
accomplished in a cyclic buffer way, except the two channels
are concatenated, with channel 3 following channel 2 in the
cyclic sequence. During these buffer reads, if a buffer
position does not contain data, it is skipped. After each buffer
location is read it is cleared by the SPI1 logic.
Figure 18. SPI1 16-Bit Burst Transfer Example
Bit 7
Bit6
BIt5
Bit4
Bit3
Bit2
Bit1
Bit0
First TX Byte
R/W
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
ADDR0
Second TX Byte
X
X
X
X
X
X
D9
D8
Third TX Byte
D7
D6
D5
D4
D3
D2
D1
D0
Fourth TX Byte
X
X
X
X
X
X
X
X
Bit 7
Bit6
BIt5
Bit4
Bit3
Bit2
Bit1
Bit0
First RX Byte
0
0
0
0
0
0
0
0
Second RX Byte
SA3
SA2
SA1
SA0
0
0
D9
D8
Third RX Byte
D7
D6
D5
D4
D3
D2
D1
D0
Fourth RX Byte
ER
TE
SDS
RNE
ICL
0
FIX0
FIX1
b00 b01 b02 b03 b04 b05 b06 b07 b08 b09 b10 b11 b12 b13 b14 b15
CSB
SLCK
MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com