Electronic Components Datasheet Search
  English  ▼

X  

33781 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 33781
Description  Quad DSI 2.02 Master with
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33781 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 33781 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
33781
TIMING DIAGRAMS
DYNAMIC ELECTRICAL CHARACTERISTICS
Figure 7. SPI0 Interface Timing
Figure 8. SPI1 Interface Timing
tLEAD
tHI
tLO
tCYC
tLAG
tV
MSB
MISO0
MSB
SCLK0
CS0
tH
tSU
tF
tR
LSB
tDIS
X
X = Don’t care
LSB
VIH
VIL
VIH
VIL
VIH
VIL
VIL
VIL
VIH
VOH
VOL
VOH
VOL
VIH
VIH
VIH = 70% VCC, VOH = 70% VCC
VIL = 30% VCC, VOL = 30% VCC
MOSI0
tLEAD
tHI
tLO
tCYC
tLAG
tV
MSB
MISO1
SCLK1
CS1
tF
tR
LSB
tDIS
X
X = Don’t care
VIH
VIL
VIH
VIL
VIL
VIL
VIH
VOH
VOL
VOH
VOL
VIH
VIH
VIH = 70% VCC, VOH = 70% VCC
VIL = 30% VCC, VOL = 30% VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com