Electronic Components Datasheet Search
  English  ▼

X  

33781 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33781
Description  Quad DSI 2.02 Master with
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33781 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33781 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33781
PIN CONNECTIONS
12
VPP
Input
Test Mode
A high-voltage on this pin puts the device in test mode for IC
manufacturing test. It must be grounded in the application.
13
VCC
Input
Logic Supply
Regulated 5V input
14
CLK
Input
Clock Input
4.0MHz clock input
15
TESTIN
Test
Test Input
Input pin for device test. This pin must be tied to ground in the application.
16
TESTOUT
Test
Test Output
Output pin for device test. This pin is left floating in the application.
17
VSS_IDDQ
Ground
Digital Ground and
IDDQ Test
Ground reference for the digital circuits that should not consume current
during IDDQ testing. This ground is not connected to the other grounds
internally.
18
GND
Ground
Power Ground
Bus power return
19
D3L
Output Driver
Low Side Bus 3
Bus 3 low side
20
D3H
Output Driver
High Side Bus 3
Bus 3 high side
21
VSUP2
Power
Positive Supply for
Bus Outputs
This supply input is used to provide the positive level output of buses 2
and 3.
22
D2H
Output Driver
High Side Bus 2
Bus 2 high side
23
D2L
Output Driver
Low Side Bus 2
Bus 2 low side
24
GND
Ground
Power Ground
Bus power return
25
D1L
Output Driver
Low Side Bus 1
Bus 1 low side
26
D1H
Output Driver
High Side Bus 1
Bus 1 high side
27
VSUP1
Power
Positive Supply for
Bus Outputs
This supply input is used to provide the positive level output of buses 0
and 1.
28
D0H
Output Driver
High Side Bus 0
Bus 0 high side
29
DPH
Output Driver High Side Pseudo Bus Pseudo Bus high side
30
D0L
Output Driver
Low Side Bus 0
Bus 0 low side
31
DPL
Output Driver Low Side Pseudo Bus Pseudo Bus low side
32
GND
Ground
Power Ground
Bus power return
Table 1. 33781 Pin Definitions
A functional description of each Pin can be found in the Functional Pin Descriptions section beginning on page 15.
Pin
Pin Name
Pin Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com