Electronic Components Datasheet Search
  English  ▼

X  

33781 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # 33781
Description  Quad DSI 2.02 Master with
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33781 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button 33781 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
29
33781
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
SPI0 REGISTER AND BIT DESCRIPTIONS
The 33781 has 87 registers associated with the SPI0
interface, shown in Table 8. Each bus channel has its own set
of control registers, along with separate command and data
registers, for queuing up to four commands. There are also
registers containing check pattern data.
Table 9. Register List
Register
Address
Register
Name
Register Definition
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0000000
D0R0H
DBUS 0 Reg 0 Upper Byte
D15
D14
D13
D12
D11
D10
D9
D8
0000001
D0R0L
DBUS 0 Reg 0 Lower Byte
D7
D6
D5
D4
D3
D2
D1
D0
0000010
D0R0STAT
DBUS 0 Reg 0 Status
ER
TE
SDS
RNE
ICL
0
FIX0
FIX1
0000011
D0R1H
DBUS 0 Reg 1 Upper Byte
D15
D14
D13
D12
D11
D10
D9
D8
0000100
D0R1L
DBUS 0 Reg 1 Lower Byte
D7
D6
D5
D4
D3
D2
D1
D0
0000101
D0R1STAT
DBUS 0 Reg 1 Status
ER
TE
SDS
RNE
ICL
0
FIX0
FIX1
0000110
D0R2H
DBUS 0 Reg 2 Upper Byte
D15
D14
D13
D12
D11
D10
D9
D8
0000111
D0R2L
DBUS 0 Reg 2 Lower Byte
D7
D6
D5
D4
D3
D2
D1
D0
0001000
D0R2STAT
DBUS 0 Reg 2 Status
ER
TE
SDS
RNE
ICL
0
FIX0
FIX1
0001001
D0R3H
DBUS 0 Reg 3 Upper Byte
D15
D14
D13
D12
D11
D10
D9
D8
0001010
D0R3L
DBUS 0 Reg 3 Lower Byte
D7
D6
D5
D4
D3
D2
D1
D0
0001011
D0R3STAT
DBUS 0 Reg 3 Status
ER
TE
SDS
RNE
ICL
0
FIX0
FIX1
0001100
D0CTRL
DBUS 0 Control Register
-
-
DLYB
DLYA
-
LOOP1
LOOP0
MS
0001101
D0EN
DBUS 0 Enable Register
TS
ISDD
-
-
-
BSWH
BSWL
EN
0001110
D0POLY
DBUS 0 Polynomial
CRC
POLY7
CRC
POLY6
CRC
POLY5
CRC
POLY4
CRC
POLY3
CRC
POLY2
CRC
POLY1
CRC
POLY0
0001111
D0SEED
DBUS 0 CRC Seed
CRC
SEED7
CRC
SEED6
CRCSEE
D5
CRCSEE
D4
CRCSEE
D3
CRCSEE
D2
CRCSEE
D1
CRCSEE
D0
0010000
D0LENGTH DBUS 0 Short Word and
CRC Lengths
SW
LEN3
SW
LEN2
SW
LEN1
SW
LEN0
CRC
LEN3
CRC
LEN2
CRC
LEN1
CRC
LEN0
0010001
D0SSCTRL DBUS 0 Spread Spectrum
Control
-
-
-
-
-
DEV2
DEV1
DEV0
0010010
D0FSEL
DBUS 0 Frequency Select
FSEL7
FSEL6
FSEL5
FSEL4
FSEL3
FSEL2
FSEL1
FSEL0
0010011
RESERVED Writes/reads of this address
are ignored
-
-
-
-
-
-
-
-
0010100
RESERVED Writes/reads of this address
are ignored
-
-
-
-
-
-
-
-
0010101
D1R0H
DBUS 1 Reg 0 Upper Byte
D15
D14
D13
D12
D11
D10
D9
D8
0010110
D1R0L
DBUS 1 Reg 0 Lower Byte
D7
D6
D5
D4
D3
D2
D1
D0
0010111
D1R0STAT
DBUS 1 Reg 0 Status
ER
TE
SDS
RNE
ICL
0
FIX0
FIX1
0011000
D1R1H
DBUS 1 Reg 1 Upper Byte
D15
D14
D13
D12
D11
D10
D9
D8
0011001
D1R1L
DBUS 1 Reg 1 Lower Byte
D7
D6
D5
D4
D3
D2
D1
D0
0011010
D1R1STAT
DBUS 1 Reg 1 Status
ER
TE
SDS
RNE
ICL
0
FIX0
FIX1
0011011
D1R2H
DBUS 1 Reg 2 Upper Byte
D15
D14
D13
D12
D11
D10
D9
D8
0011100
D1R2L
DBUS 1 Reg 2 Lower Byte
D7
D6
D5
D4
D3
D2
D1
D0
0011101
D1R2STAT
DBUS 1 Reg 2 Status
ER
TE
SDS
RNE
ICL
0
FIX0
FIX1
0011110
D1R3H
DBUS 1 Reg 3 Upper Byte
D15
D14
D13
D12
D11
D10
D9
D8
0011111
D1R3L
DBUS 1 Reg 3 Lower Byte
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com