Electronic Components Datasheet Search
  English  ▼

X  

33781 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33781
Description  Quad DSI 2.02 Master with
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33781 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33781 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33781
FUNCTIONAL DESCRIPTIONS
INTRODUCTION
FUNCTIONAL DESCRIPTIONS
INTRODUCTION
The 33781 is intended to be used as a master device in a
distributed system. It contains both protocol generators and
physical interfaces, to allow an MCU to communicate with
devices on the bus using two different SPI interfaces. Four
differential buses are provided. The physical layer uses a
two-wire bus to carry power and signal. The physical layer
uses wave-shaped voltage signals for commands from the
master and wave-shaped current signals for responses from
the slaves. The protocol and physical layer conform to the
DSI 2.02 specification.
The equivalent bus capacitance consists of capacitors
connected between the two bus wires and capacitors
between the bus wires and ground. Because the voltage
change on either of the bus wires to ground is only 1/2 the
amount of change between the two bus wires, the
capacitance to ground only conducts half as much current as
it would if connected directly across the bus. The equivalent
bus capacitance of a capacitor to ground from the bus wires
is one half of the actual amount of the capacitor. The amount
of capacitance from either bus wire to ground should be kept
the same in order to achieve the lowest radiated EMI energy.
The 2.2nF capacitors required between the bus wires and
ground result in an equivalent of 1.1nF of capacitance across
the bus as seen by either bus wire.
Table 5 shows the voltages used for operation. Low side
(LS) is the bus wire that is the most negative and high side
(HS) is the bus wire that is the most positive. Figure 5 shows
the bus waveforms in normal operation.
FUNCTIONAL PIN DESCRIPTIONS
RESET (RST)
When pulled low, this will reset all internal registers to a
known state as indicated in the section entitled SPI0 Register
and Bit Descriptions on page 29.
CHIP SELECT n (CSn)
This input is used to select the SPIn port when pulled to
ground. When high, the associated SPIn port signals are
ignored. The SPIn transaction is signaled as completed when
this signal returns high.
MASTER OUT/SLAVE IN 0 (MOSI0)
This is the SPI data input to the device. This data is
sampled on the positive (rising) edge of SCLK0. There is no
MOSI pin or function for SPI1.
SERIAL CLOCK (SCLKn)
This is the clock signal from the SPIn master device. It
controls the clocking of data to SPIn and data reads from the
SPIn.
MASTER IN/SLAVE OUT (MISOn)
This is the SPIn data from SPIn to the SPIn master. Data
changes on the negative (falling) transition of the associated
SCLKn.
CLOCK (CLK)
This is the main clock source for the internal logic. It must
be 4.0MHz.
GROUND (GND)
Ground source for DSI/DBUS return.
DIGITAL GROUND (VSS)
Ground source for logic.
DIGITAL GROUND AND IDDQ (VSS_IDDQ)
Used for IDDQ testing during IC manufacturing test.
ANALOG GROUND (AGND)
Ground source for analog circuits.
POWER SOURCE (VCC)
Nominal +5.0V Regulated Input.
DIGITAL REGULATOR OUTPUT (VDD)
Nominal +2.5V internal regulator Pin. This must be
bypassed with a small capacitor to ground (100nF)
Table 5. High Side and Low Side Typical Voltages (Voltage Relative to Ground)
Low Side
High Side
IDLE
HIGH
LOW
IDLE
HIGH
LOW
0
Vmid-2.25 (16)
Vmid-0.75 (16)
VSUPn
Vmid+2.25 (16)
Vmid+0.75 (16)
Notes
16.
VMID = VSUPn/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com