Electronic Components Datasheet Search
  English  ▼

X  

33894 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33894
Description  Quad High-Side Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33894 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33894 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33894
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CONTROL INTERFACE
Input Logic High Voltage (12)
VIH
0.7VDD
–
–
V
Input Logic Low Voltage (12)
VIL
–
–
0.2 VDD
V
Input Logic Voltage Hysteresis (12)
VIN(HYS)
100
350
750
mV
Input Logic Pulldown Current (SCLK, SI, IN[0:3])
IDWN
5.0
–
20
µA
RST
Input Voltage Range
VRST
4.5
5.0
5.5
V
SO, FS Tri-State Capacitance (13)
CSO
–
–
20
pF
Input Logic Pulldown Resistor (RST) and WAKE
RDWN
100
200
400
k
Ω
Input Capacitance (14)
CIN
–
4.0
12
pF
Wake Input Clamp Voltage (15)
ICL(WAKE) < 2.5 mA
VCL(WAKE)
7.0
–
14
V
Wake Input Forward Voltage
ICL(WAKE) = -2.5 mA
VF(WAKE)
-2.0
–
-0.3
V
SO High-State Output Voltage
IOH = 1.0 mA
VSOH
0.8 VDD
–
–
V
FS
, SO Low-State Output Voltage
IOL = -1.6 mA
VSOL
–
0.2
0.4
V
SO Tri-State Leakage Current
CS
> 0.7 VDD
ISO(LEAK)
-5.0
0
5.0
µA
Input Logic Pullup Current (16)
CS
, VIN > 0.7VDD
IUP
5.0
–
20
µA
FSI Input pin External Pulldown Resistance (17)
FSI Disabled, HS[0:3] Indeterminate
FSI Enabled, HS[0:3] OFF
FSI Enabled, HS0 ON, HS[1:3] OFF
FSI Enabled, HS0 and HS2 ON, HS1 and HS3 OFF
RFS
RFSDIS
RFSOFFOFF
RFSONOFF
RFSONON
–
6.0
15
40
0
6.5
17
Infinite
1.0
7.0
19
–
k
Ω
Notes
12.
Upper and lower logic threshold voltage range applies to SI, CS, SCLK, RST, IN[0:3], and WAKE input signals. The WAKE and RST
signals may be supplied by a derived voltage referenced to VPWR.
13.
Parameter is guaranteed by process monitoring but is not production tested.
14.
Input capacitance of SI, CS, SCLK, RST, and WAKE. This parameter is guaranteed by process monitoring but is not production tested.
15.
The current must be limited by a series resistance when using voltages > 7.0 V.
16.
Pullup current is with CS OPEN. CS has an active internal pullup to VDD.
17.
The selection of the RFS must take into consideration the tolerance, temperature coefficient and lifetime duration to assure that the
resistance value will always be within the desired (specified) range.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.5 V
≤ V
DD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 27 V, -40°C ≤ TJ ≤ 150°C unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com