Electronic Components Datasheet Search
  English  ▼

X  

33894 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33894
Description  Quad High-Side Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33894 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33894 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33894
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33894 Simplified Internal Block Diagram
GND
Programmable
Watchdog
310 ms–2500 ms
Overtemperature
Detection
Open Load
Detection
Logic
SPI
3.0 MHz
Selectable Over-
current Low Detection
0.15 ms–155 ms
Selectable Over-
HS[0:3]: 2.4 A–9.1 A
Selectable Overcurrent
Internal
Regulator
Selectable Slew
Rate Gate Drive
Over/Undervoltage
Protection
HS0
VPWR
VDD
CS
SCLK
SO
SI
RST
WAKE
FS
IN0
FSI
IN3
HS1
HS0
HS1
HS2
HS3
HS2
HS3
IN1
IN2
current Low Detection
HS[0:3]: 50 A or 35 A
Selectable Output Current
HS[0:3]: 1/6500 or 1/20000
CSNS
Recopy (Analog MUX)
VIC
VIC
IDWN
IUP
IDWN
RDWN
Blanking Time
High Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com