Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 19Page - Microchip Technology PIC12F752 Datasheet HTML 20Page - Microchip Technology PIC12F752 Datasheet HTML 21Page - Microchip Technology PIC12F752 Datasheet HTML 22Page - Microchip Technology PIC12F752 Datasheet HTML 23Page - Microchip Technology PIC12F752 Datasheet HTML 24Page - Microchip Technology PIC12F752 Datasheet HTML 25Page - Microchip Technology PIC12F752 Datasheet HTML 26Page - Microchip Technology PIC12F752 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 204 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41576A-page 23
PIC12F752/HV752
2.2.2.6
PIR1 Register
The PIR1 register contains the Peripheral Interrupt flag
bits, as shown in Register 2-6.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the Global
Enable bit, GIE of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear prior
to enabling an interrupt.
REGISTER 2-6:
PIR1: PERIPHERAL INTERRUPT REQUEST REGISTER 1
R/W-0
R/W-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
TMR1GIF
ADIF
—
—
—
HLTMR1IF
TMR2IF
TMR1IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
TMR1GIF: TMR1 Gate Interrupt Flag bit
1
= Timer1 gate interrupt is pending
0
= Timer1 gate interrupt is not pending
bit 6
ADIF: ADC Interrupt Flag bit
1
= ADC conversion complete
0
= ADC conversion has not completed or has not been started
bit 5-3
Unimplemented: Read as ‘0’
bit 2
HLTMR1IF: Hardware Limit Timer1 to HLTPR1 Match Interrupt Flag bit
1
= HLTMR1 to HLTPR1 match occurred (must be cleared in software)
0
= HLTMR1 to HLTPR1 match did not occur
bit 1
TMR2IF: Timer2 to PR2 Match Interrupt Flag bit
1
= Timer2 to PR2 match occurred (must be cleared in software)
0
= Timer2 to PR2 match did not occur
bit 0
TMR1IF: Timer1 Interrupt Flag bit
1
= Timer1 rolled over (must be cleared in software)
0
= Timer1 has not rolled over



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com