Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 88 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 88 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 84Page - Microchip Technology PIC12F752 Datasheet HTML 85Page - Microchip Technology PIC12F752 Datasheet HTML 86Page - Microchip Technology PIC12F752 Datasheet HTML 87Page - Microchip Technology PIC12F752 Datasheet HTML 88Page - Microchip Technology PIC12F752 Datasheet HTML 89Page - Microchip Technology PIC12F752 Datasheet HTML 90Page - Microchip Technology PIC12F752 Datasheet HTML 91Page - Microchip Technology PIC12F752 Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 204 page
background image
PIC12F752/HV752
DS41576A-page 88
Preliminary
 2011 Microchip Technology Inc.
EXAMPLE 11-1:
TIMER UNCERTAINTY
11.8
Auto-shutdown Control
Auto-shutdown is a method to immediately override
the COG output levels with specific overrides that
allow for safe shutdown of the circuit.
The shutdown state can be either cleared automati-
cally or held until cleared by software.
11.8.1
SHUTDOWN
The shutdown state can be entered by either of the
following two mechanisms:
• Software generated
• External Input
11.8.1.1
Software Generated Shutdown
Setting the GxASDE bit of the COGxASD register will
force the COG into the shutdown state.
When auto-restart is disabled, the shutdown state will
persist as long as the GxASDE bit is set.
When auto-restart is enabled, the GxASDE bit will
clear automatically and resume operation on the next
rising edge event. See Figure 11-4.
11.8.1.2
External Shutdown Source
External shutdown inputs provide the fastest way to
safely suspend COG operation in the event of a fault
condition. When any of the selected shutdown inputs
goes true, the output drive latches are reset and the
COG outputs will immediately go to the selected over-
ride levels without software delay.
Any combination of four input sources can be selected
to cause a shutdown condition. The four sources
include:
• HLTimer1 output
• C2OUT (low true)
• C1OUT (low true)
• COG1FLT pin (low true)
Shutdown inputs are selected independently with bits
<3:0> of the COGxASD register (Register 11-3).
11.8.2
PIN OVERRIDE LEVELS
The levels driven to the output pins, while the shut-
down input is true, are controlled by the GxASDL0 and
GxASDL1
bits
of
the
COGxASD
register
(Register 11-3). GxASDL0 controls the GxOUT0 over-
ride level and GxASDL1 controls the GxOUT1 over-
ride level. The control bit logic level corresponds to the
output logic drive level while in the shutdown state.
Given:
Therefore:
Count
Ah
10d
==
F
ECWG_Clock
8MHz
=
T
uncertainty
1
F
ECWG_clock
-----------------------------
=
1
8MHz
---------------
=
125ns
=
Proof:
T
min
Count
F
ECWG_clock
-----------------------------
=
125ns
10d
=
1.25
s
=
T
max
Count
1
+
F
ECWG_clock
-----------------------------
=
125ns
10d
1
+

=
1.375
s
=
Therefore:
T
uncertainty
T
max
T
min
–
=
1.375
s 1.25s
–
=
125ns
=
Note:
Shutdown inputs are level sensitive, not
edge sensitive. The shutdown state cannot
be cleared, except by disabling auto-shut-
down, as long as the shutdown input level
persists
Note:
The polarity control does not apply to the
override level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com