Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 42 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 42 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 38Page - Microchip Technology PIC12F752 Datasheet HTML 39Page - Microchip Technology PIC12F752 Datasheet HTML 40Page - Microchip Technology PIC12F752 Datasheet HTML 41Page - Microchip Technology PIC12F752 Datasheet HTML 42Page - Microchip Technology PIC12F752 Datasheet HTML 43Page - Microchip Technology PIC12F752 Datasheet HTML 44Page - Microchip Technology PIC12F752 Datasheet HTML 45Page - Microchip Technology PIC12F752 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 204 page
background image
PIC12F752/HV752
DS41576A-page 42
Preliminary
 2011 Microchip Technology Inc.
4.5
Oscillator Control Registers
REGISTER 4-1:
OSCCON: OSCILLATOR CONTROL REGISTER
U-0
U-0
R/W-0/u
R/W-1/u
U-0
R-0/u
R-0/u
U-0
—
—IRCF<1:0>
—HTS
LTS
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-4
IRCF<1:0>: Internal Oscillator Frequency Select bits
11
= 8 MHz
10
= 4 MHz
01
= 1 MHz (Reset default)
00
= 31 kHz (LFINTOSC)
bit 3
Unimplemented: Read as ‘0’
bit 2
HTS: HFINTOSC Status bit
1
= HFINTOSC is stable
0
= HFINTOSC is not stable
bit 1
LTS: LFINTOSC
1
= LFINTOSC is stable
0
= LFINTOSC is not stable
bit 0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com